Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58B28 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS58B28
Description  Wideband Transmit-Receive Digital Signal Processors
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58B28 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS58B28 Datasheet HTML 7Page - Texas Instruments ADS58B28 Datasheet HTML 8Page - Texas Instruments ADS58B28 Datasheet HTML 9Page - Texas Instruments ADS58B28 Datasheet HTML 10Page - Texas Instruments ADS58B28 Datasheet HTML 11Page - Texas Instruments ADS58B28 Datasheet HTML 12Page - Texas Instruments ADS58B28 Datasheet HTML 13Page - Texas Instruments ADS58B28 Datasheet HTML 14Page - Texas Instruments ADS58B28 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Pin Functions
NAME
NUMBER
TYPE
DESCRIPTION
POWER AND BIASING
VDD
E6, E7, E8, E9, E10, E11, E12, E13, E14, E15, E16, F9,
PWR
1.1-V power supply
F11, F13, F15, F18, G18, H5, J5, J18, L18, N5, N18, P18,
R5, T18, U5, U8, U10, U12, U14, U15, U18, V7, V8, V9,
V10, V11, V12, V13, V14, V15, V16
VDDSHV2
U9, U11, U13
PWR
3.3-V power supply for CMOS I/O
VDDSHV1
F8, F10, F12, F14
PWR
3.3-V power supply for CMOS I/O
VDDS1
F16, H18, K18, M18, R18, U16,
PWR
1.8-V power supply for LVDS I/O
VDDS2
F7, G5, K5, M5, U7
PWR
1.8-V power supply for LVDS I/O
VPP
W8, W10
PWR
1.1-V E-fuse supply, connect to VDD
VDDMON
Y8
NC
Do not connect, internal monitor point
VSSMON
AA8
NC
Do not connect, internal monitor point
VDDA2
B17
PWR
1.8-V power for PLL (requires filtering)
VDDA1
D5
PWR
1.8-V power for PLL (requires filtering)
VSSA2
A16
PWR
Ground for PLL (requires filtering)
VSSA1
C5
PWR
Ground for PLL (requires filtering)
VSS
D8, D10, D12, D14, G6, G7. G8, G9, G10, G11, G12, G13,
PWR
Ground
G14, G15, G16, G17, H6, H7, H8, H9, H10, H11, H12, H13,
H14, H15, H16, H17, J6, J7, J8, J9,J10, J11, J12, J13, J14,
J15, J16, J17, K6, K7, K8, K9, K10, K11, K12, K13, K14,
K15, K16, K17, L6, L7, L8, L9, L10, L11, L12, L13, L14,
L15, L16, L17, M6, M7, M8, M9, M10, M11, M12, M13, M14,
M15, M16, M17, N6, N7, N8, N9, N10, N11, N12, N13, N14,
N15, N16, N17, P6, P7, P8, P9, P10, P11, P12, P13, P14,
P15, P16, P17, R6, R7, R8, R9, R10, R11, R12, R13, R14,
R15, R16, R17, T6, T7, T8, T9, T10, T11, T12, T13, T14,
T15, T16, T17,W9, W11, W13
NC
E17, E18, F6, F17, U6, U17, V5, V6, V17, V18
NC
No connection. Recommend connecting to ground
NC
A1, A22, D1, D4, W3, W18, AA22, AB1, AB5, AB22,
NC
No connection
BASEBAND INPUT/OUTPUT
BBIN[11:0]P
E4, E2, D3, C2, B2, C3, A2, A3, A4, C6, A5, C7
I
Baseband input
– LVDS positive
BBIN[11:0]N
E5, E3, D2, C1, B1, C4, B3, B4, B5, D6, B6, D7
I
Baseband input
– LVDS negative
BBOUT[11:0]P
L4, K2, K4, J2, J4, H2, H4, G2, G4, F3, F5, E1
O
Baseband output
– LVDS positive
BBOUT[11:0]N
L5, K1, K3, J1, J3, H1, H3, G1, G3, F2, F4, F1
O
Baseband output
– LVDS negative
TX DAC INTERFACE
TXA[19:0]P
K20, K22, J19, J22, H19, H22, G19, G21, F20, F22, D22,
O
DAC TX port A
– LVDS positive
E21, E20, E19, C22, C20, C19, A21, B20, C18
TXA[19:0]N
K19, K21, J20, J21, H20, H21, G20, G22, F19, F21, E22,
O
DAC TX port A
– LVDS negative
D21, D20, D19, B22, C21, D18, B21, A20, B19
TXB[19:0]P
Y20, Y22, W19, W21, V19, V22, U19, U21, T19, T21, R19,
O
DAC TX port B
– LVDS positive
R21, P19, P21, N19, N21, M19, M21, L19, L21
TXB[19:0]N
Y19, Y21, W20, W22, V20, V21, U20, U22, T20, T22, R20,
O
DAC TX port B
– LVDS negative
R22, P20, P22, N20, N22, M20, M22, L20, L22
RX and FB ADC INTERFACE
RXA[14:0]P
L3, L1, M2, M4, N2, N4, P3, P5, R2, R4, U1, T3, T5, U2, U4
I
ADC receive port A
– LVDS positive
RXA[14:0]N
L2, M1, N1, M3, P1, N3, P2, P4, R1, R3, T1, T2, T4, V1, U3
I
ADC receive port A
– LVDS negative
RXB[14:0]P
W1, W2, AA1, AA2, V4, AA3, Y4, AB4, W4, Y5, W6, AA6,
I
ADC receive port B
– LVDS positive
W7, AB7, AB8
RXB[14:0]N
V2, Y1, Y2, AB2, V3, AB3, Y3, AA4, W5, AA5, Y6, AB6, Y7,
I
ADC receive port B
– LVDS negative
AA7, AB9
RXC[7:0]P
AB17, Y16, AA17, Y18, AA18, AA20, AB20, AB21
I
ADC receive port C
– LVDS positive
RXC[7:0]N
AA16, W16, Y17, W17, AB18, AA19, AB19, AA21
I
ADC receive port C
– LVDS negative
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): GC5330 GC5337


Similar Part No. - ADS58B28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B18 TI-ADS58B18 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS58B18 TI1-ADS58B18 Datasheet
1Mb / 68P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI-ADS58B18 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS58B18 TI1-ADS58B18 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
More results

Similar Description - ADS58B28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com