Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL5256 Datasheet(PDF) 5 Page - Micro Commercial Components

Part # DL5256
Description  500 mW Zener Diode 2.4 to 75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL5256 Datasheet(HTML) 5 Page - Micro Commercial Components

  DL5256 Datasheet HTML 1Page - Micro Commercial Components DL5256 Datasheet HTML 2Page - Micro Commercial Components DL5256 Datasheet HTML 3Page - Micro Commercial Components DL5256 Datasheet HTML 4Page - Micro Commercial Components DL5256 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
5 of 5
3
Device
Packing
Part Number-TP
Tape&Reel: 2.5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - DL5256

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5256 MCC-DL5256 Datasheet
890Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
logo
Shanghai Lunsure Electr...
DL5256 CHENYI-DL5256 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
Tiger Electronic Co.,Lt...
DL5256 TGS-DL5256 Datasheet
421Kb / 2P
   500 mW Zener Diode 2.4 to 47 Volts
logo
Micro Commercial Compon...
DL5256-TP MCC-DL5256-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Dc Components
DL5256B DCCOM-DL5256B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results

Similar Description - DL5256

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com