Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24-5602-020-003-829 Datasheet(PDF) 1 Page - AVX Corporation

Part # 24-5602-020-003-829
Description  Fine Pitch SMT Board to Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

24-5602-020-003-829 Datasheet(HTML) 1 Page - AVX Corporation

  24-5602-020-003-829 Datasheet HTML 1Page - AVX Corporation 24-5602-020-003-829 Datasheet HTML 2Page - AVX Corporation 24-5602-020-003-829 Datasheet HTML 3Page - AVX Corporation 24-5602-020-003-829 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
ELCO
Fine Pitch SMT
Board to Board Connectors
Series 5602
Series 5602 is a two-piece 0.4mm pitch, PCB stacking
connector. Offered at a 1.5mm stack height, Series 5602 is
ideal for high density packaging applications.
Market applications include mobile PC’s, PDA’s, DVD, Cell
Phones and Digital Cameras.
FEATURES
0.4mm fine pitch and low profile connector, with stacking
height of 1.5mm. These features result in the highest density
stacking connector in the industry.
The connector design provides for an audible click, which
confirms that the contacts are properly mated.
Offered with, and without, metal strain relief and boss.
Designed to prevent solder wicking.
Enclosed SMT contacts, provide for high density routing, by
allowing traces to be located under the connector.
Ideal for FPC to PCB connections.
Compatible with high temperature, lead free, soldering
processes.
Packaging consists of 2,000 connectors per reel.
SPECIFICATIONS
Series
5602
Mated Height
1.5mm
Pitch
0.4mm
Current
0.4A Max
Voltage
50V Max
D.W. Voltage
250V Max/min.
Mating Cycles
30


Similar Part No. - 24-5602-020-003-829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
24-5602-070-000-829 AVX-24-5602-070-000-829 Datasheet
291Kb / 6P
   0.4 mmPitch
More results

Similar Description - 24-5602-020-003-829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
5602 AVX-5602 Datasheet
136Kb / 4P
   Fine Pitch SMT Board to Board Connectors
24-5046-030-600-829 AVX-24-5046-030-600-829 Datasheet
388Kb / 13P
   Fine Pitch SMT Board to Board Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Molex Electronics Ltd.
502430-2010 MOLEX-502430-2010 Datasheet
1Mb / 2P
   SlimStack SMT Board-to-Board Connectors, with Ultra-Narrow
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com