Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGLN060V2-CS81YPP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # AGLN060V2-CS81YPP
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN060V2-CS81YPP Datasheet(HTML) 3 Page - Microsemi Corporation

  AGLN060V2-CS81YPP Datasheet HTML 1Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 2Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 3Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 4Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 5Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 6Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 7Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 8Page - Microsemi Corporation AGLN060V2-CS81YPP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 150 page
background image
IGLOO nano Low Power Flash FPGAs
Revision 17
III
IGLOO nano Ordering Information
Devices Not Recommended For New Designs
AGLN015, AGLN030Z, AGLN060Z, AGLN125Z, and AGLN250Z are not recommended for new designs.
Device Marking
Microsemi normally topside marks the full ordering part number on each device. There are some exceptions to this, such as some of
the Z feature grade nano devices, the V2 designator for IGLOO devices, and packages where space is physically limited. Packages
that have limited characters available are UC36, UC81, CS81, QN48, QN68, and QFN132. On these specific packages, a subset of
the device marking will be used that includes the required legal information and as much of the part number as allowed by character
limitation of the device. In this case, devices will have a truncated device marking and may exclude the applications markings, such
as the I designator for Industrial Devices or the ES designator for Engineering Samples.
Notes:
1. Z-feature grade devices AGLN060Z, AGLN125Z, and AGLN250Z do not support the enhanced nano features of Schmitt Trigger
input, bus hold (hold previous I/O state in Flash*Freeze mode), cold-sparing, hot-swap I/O capability and 1.2 V programming.
The AGLN030 Z feature grade does not support Schmitt trigger input, bus hold and 1.2 V programming. For the VQ100, CS81,
UC81, QN68, and QN48 packages, the Z feature grade and the N part number are not marked on the device. Z feature grade
devices are not recommended for new designs.
2. AGLN030 is available in the Z feature grade only.
3. Marking Information: IGLOO nano V2 devices do not have a V2 marking, but IGLOO nano V5 devices are marked with a V5
designator.
AGLN010 = 10,000 System Gates
AGLN015 = 15,000 System Gates (AGLN015 is not recommended for new designs)
AGLN020 = 20,000 System Gates
AGLN030 = 30,000 System Gates
AGLN060 = 60,000 System Gates
AGLN125 = 125,000 System Gates
AGLN250 = 250,000 System Gates
Blank = Standard
Z = nano devices without enhanced features1
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
AGLN250
V2
Z
VQ
_
Part Number
IGLOO nano Devices
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
DIELOT = Known Good Die
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches)
100
I
Y
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Enhanced Commercial (
20°C to +85°C Junction Temperature)
I = Industrial (
40°C to +100°C Junction Temperature)
Blank = Standard Packaging
G= RoHS-Compliant Packaging
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
CS = Chip Scale Package (0.5 mm pitch)
UC = Micro Chip Scale Package (0.4 mm pitch)
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - AGLN060V2-CS81YPP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN060 MICROSEMI-AGLN060 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN060Z MICROSEMI-AGLN060Z Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN060Z1 MICROSEMI-AGLN060Z1 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
More results

Similar Description - AGLN060V2-CS81YPP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com