Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDZ10J Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDZ10J
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDZ10J Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDZ10J Datasheet HTML 2Page - NXP Semiconductors TDZ10J Datasheet HTML 3Page - NXP Semiconductors TDZ10J Datasheet HTML 4Page - NXP Semiconductors TDZ10J Datasheet HTML 5Page - NXP Semiconductors TDZ10J Datasheet HTML 6Page - NXP Semiconductors TDZ10J Datasheet HTML 7Page - NXP Semiconductors TDZ10J Datasheet HTML 8Page - NXP Semiconductors TDZ10J Datasheet HTML 9Page - NXP Semiconductors TDZ10J Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TDZXJ_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2011
6 of 12
NXP Semiconductors
TDZxJ series
Single Zener diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
TDZ2V4J to TDZ4V7J
Tj =25 C to 150 C
TDZ5V1J to TDZ15J
Tj =25 C to 150 C
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
TDZ2V7J to TDZ6V6J
Tj =25 C
TDZ10J to TDZ27J
Tj =25 C
Fig 5.
Working current as a function of working
voltage; typical values
Fig 6.
Working current as a function of working
voltage; typical values
IZ (mA)
10−1
102
10
1
mld444
−1
−0.5
−1.5
0
0.5
SZ
(mV/K)
−2
2V4
4V7
4V3
3V9
3V6
3V3
3V0
2V7
mld445
4
0
8
12
SZ
(mV/K)
−4
IZ (mA)
10−1
102
10
1
15
13
12
11
10
9V1
5V6
5V1
8V2
7V5
6V8
6V2
VZ (V)
010
8
46
2
006aaa996
20
30
10
40
50
IZ
(mA)
0
VZ(nom) (V) = 2.7
3.3
3.9
4.7
5.6
6.8
8.2
006aac672
VZ (V)
030
20
10
10
20
30
IZ
(mA)
0
27
22
18
12
15
VZ(nom) (V) = 10


Similar Part No. - TDZ10J

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
TDZ10J NEXPERIA-TDZ10J Datasheet
997Kb / 12P
   Single Zener diodes
TDZ10J NEXPERIA-TDZ10J Datasheet
995Kb / 12P
   Single Zener diodes
Rev. 2 - 29 July 2011
More results

Similar Description - TDZ10J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com