Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0366DPA-02 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0366DPA-02
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0366DPA-02 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0366DPA-02 Datasheet HTML 1Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 2Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 3Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 4Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 5Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 6Page - Renesas Technology Corp RJK0366DPA-02 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0920EJ0300 Rev.3.00
Page 1 of 6
Mar 21, 2013
Preliminary Datasheet
RJK0366DPA-02
30V, 25A, 10.0m
 max.
N Channel Power MOS FET
High Speed Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PWSN0008DE-A
(Package name: WPAK(3F))
G
D
SS S
DD D
4
12 3
56 7 8
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8
7
6
5
2 1
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
25
A
Drain peak current
ID(pulse)
Note1
100
A
Body-drain diode reverse drain current
IDR
25
A
Avalanche current
IAP
Note 2
11
A
Avalanche energy
EAR
Note 2
12.1
mJ
Channel dissipation
Pch
Note3
30
W
Channel to case thermal resistance
ch-c Note3
4.17
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS0920EJ0300
Rev.3.00
Mar 21, 2013


Similar Part No. - RJK0366DPA-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0366DPA-02 RENESAS-RJK0366DPA-02 Datasheet
131Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0366DPA-02-J0 RENESAS-RJK0366DPA-02-J0 Datasheet
131Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0366DPA-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com