Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS8V0P1UP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PTVS8V0P1UP
Description  600 W Transient Voltage Suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTVS8V0P1UP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PTVS8V0P1UP Datasheet HTML 2Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 3Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 4Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 5Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 6Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 7Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 8Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 9Page - NXP Semiconductors PTVS8V0P1UP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PTVSXP1UP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 January 2011
6 of 12
NXP Semiconductors
PTVSxP1UP series
600 W Transient Voltage Suppressor
Fig 1.
10/1000
μs pulse waveform according to
IEC 61643-321
Fig 2.
Relative variation of rated peak pulse power as
a function of junction temperature; typical
values
Tamb =25 °CTamb =25 °C; f = 1 MHz
(1) PTVS5V0P1UP
(2) PTVS12VP1UP
(3) PTVS24VP1UP
(4) PTVS64VP1UP
Fig 3.
Rated peak pulse power as a function of pulse
duration; typical values
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
tp (ms)
0
4.0
3.0
1.0
2.0
006aab319
50
100
150
IPP
(%)
0
50 % IPP; 1000 μs
100 % IPP; 10 μs
Tj (°C)
0
200
150
50
100
006aab321
0.4
0.8
1.2
PPPM
0
PPPM(25°C)
006aac172
104
103
105
PPPM
(W)
102
tp (μs)
10−1
104
103
1102
10
006aac173
103
102
104
Cd
(pF)
10
VR (V)
1102
10
(1)
(2)
(3)
(4)


Similar Part No. - PTVS8V0P1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS8V0P1UP NEXPERIA-PTVS8V0P1UP Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVS8V0P1UP-Q NEXPERIA-PTVS8V0P1UP-Q Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
More results

Similar Description - PTVS8V0P1UP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
logo
List of Unclassifed Man...
BZW06-273 ETC-BZW06-273 Datasheet
66Kb / 4P
   600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
   600 Watts Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
   600 Watt TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com