Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN017 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN017
Description  N-channel 30 V 17 milliohm logic level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN017 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN017 Datasheet HTML 5Page - NXP Semiconductors PSMN017 Datasheet HTML 6Page - NXP Semiconductors PSMN017 Datasheet HTML 7Page - NXP Semiconductors PSMN017 Datasheet HTML 8Page - NXP Semiconductors PSMN017 Datasheet HTML 9Page - NXP Semiconductors PSMN017 Datasheet HTML 10Page - NXP Semiconductors PSMN017 Datasheet HTML 11Page - NXP Semiconductors PSMN017 Datasheet HTML 12Page - NXP Semiconductors PSMN017 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PSMN017-30BL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 April 2012
9 of 14
NXP Semiconductors
PSMN017-30BL
N-channel 30 V 17 m
Ω logic level MOSFET in D2PAK
Fig 15. Gate-source voltage as a function of gate
charge; typical values
Fig 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
003aaj423
0
2
4
6
8
10
04
8
12
Q
G (nC)
V
GS
(V)
V
DS= 15V
24 V
6 V
003aaj424
10
10
2
10
3
10
-1
1
10
10
2
V
DS(V)
C
(pF)
C
iss
C
rss
C
oss
003aaj425
0
10
20
30
40
0
0.4
0.8
1.2
V
SD(V)
I
S
(A)
T
j = 25 °C
T
j = 175°C


Similar Part No. - PSMN017

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN017-30BL NEXPERIA-PSMN017-30BL Datasheet
795Kb / 14P
   N-channel 30 V 17 mΩ logic level MOSFET in D2PAK
Rev. 2 - 3 April 2012
logo
NXP Semiconductors
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN017-30EL NEXPERIA-PSMN017-30EL Datasheet
794Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN017-30EL PHILIPS-PSMN017-30EL_15 Datasheet
194Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in I2PAK
Rev. 2-3 April 2012
logo
Nexperia B.V. All right...
PSMN017-30LL NEXPERIA-PSMN017-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 17 m廓 logic level MOSFET
More results

Similar Description - PSMN017

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN017-30BL NEXPERIA-PSMN017-30BL Datasheet
795Kb / 14P
   N-channel 30 V 17 mΩ logic level MOSFET in D2PAK
Rev. 2 - 3 April 2012
logo
NXP Semiconductors
PSMN017-30BL PHILIPS-PSMN017-30BL_15 Datasheet
198Kb / 14P
   N-channel 30 V 17 m廓 logic level MOSFET in D2PAK
Rev. 2-3 April 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 2-29 February 2012
logo
Nexperia B.V. All right...
PSMN1R6-30BL NEXPERIA-PSMN1R6-30BL Datasheet
816Kb / 15P
   N-channel 30 V 1.9 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
PSMN4R3-30BL NEXPERIA-PSMN4R3-30BL Datasheet
810Kb / 15P
   N-channel 30 V 4.1 mΩ logic level MOSFET in D2PAK
Rev. 1 - 22 March 2012
PSMN022-30BL NEXPERIA-PSMN022-30BL Datasheet
974Kb / 14P
   N-channel 30 V 22.6 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
PSMN2R7-30BL NEXPERIA-PSMN2R7-30BL Datasheet
984Kb / 15P
   N-channel 30 V 3.0 mΩ logic level MOSFET in D2PAK
Rev. 1 - 21 March 2012
logo
NXP Semiconductors
PSMN2R7-30BL PHILIPS-PSMN2R7-30BL Datasheet
233Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
PSMN1R8-30BL PHILIPS-PSMN1R8-30BL_15 Datasheet
215Kb / 15P
   N-channel 30 V, 1.8 m logic level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN022-30BL PHILIPS-PSMN022-30BL Datasheet
228Kb / 14P
   N-channel 30 V 22.6 m logic level MOSFET in D2PAK
Rev. 1-21 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com