Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZH12B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NZH12B
Description  Single Zener diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NZH12B Datasheet(HTML) 5 Page - NXP Semiconductors

  NZH12B Datasheet HTML 1Page - NXP Semiconductors NZH12B Datasheet HTML 2Page - NXP Semiconductors NZH12B Datasheet HTML 3Page - NXP Semiconductors NZH12B Datasheet HTML 4Page - NXP Semiconductors NZH12B Datasheet HTML 5Page - NXP Semiconductors NZH12B Datasheet HTML 6Page - NXP Semiconductors NZH12B Datasheet HTML 7Page - NXP Semiconductors NZH12B Datasheet HTML 8Page - NXP Semiconductors NZH12B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NZH_SER_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
5 of 9
NXP Semiconductors
NZH series
Single Zener diodes
Tj =25 °C
Fig 1.
Forward current as a function of forward voltage; typical values
Tj =25 °CTj =25 °C
Fig 2.
Working current as a function of working
voltage; typical values
Fig 3.
Working current as a function of working
voltage; typical values
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
VZ (V)
010
8
46
2
006aac010
20
30
10
40
50
IZ
(mA)
0
5.1
5.6
6.8
8.2
9.1
7.5
6.2
3.6
3.3
3.9
VZ(nom) (V) = 3.0
VZ (V)
7.5
17.5
15.0
10.0
12.5
006aac011
10
20
30
5
15
25
IZ
(mA)
0
16
15
VZ(nom) (V) = 12
13


Similar Part No. - NZH12B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NZH12B NEXPERIA-NZH12B Datasheet
227Kb / 10P
   Single Zener diodes
NZH12B NEXPERIA-NZH12B Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
More results

Similar Description - NZH12B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com