Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWP-20A22FI Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWP-20A22FI
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWP-20A22FI Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWP-20A22FI Datasheet HTML 1Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 2Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 3Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 4Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 5Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 6Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 7Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 8Page - Cooper Bussmann, Inc. FWP-20A22FI Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Arc Voltage
This curve gives the peak
arc voltage, UL, which
may appear across the
fuse during its operation
as a function of the
applied working voltage,
Eg, (rms) at a power factor
of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The
correction factor, Kp, is
given as a function of the
RMS load current, Ib, in %
of the rated current.
Catalog Numbers
Electrical Characteristics
I
2t (A2 Sec)
Rated
Catalog
Current
Clearing
Watts
Numbers
Size
RMS-Amps
Pre-arc
at 150V
Loss
FWA-5A10F
5
1.6
8
1
FWA-10A10F
10
3.6
16
2.7
FWA-15A10F
10 x 38mm
15
14
55
3.3
FWA-20A10F
(1332” x 112”)
20
33
130
3.8
FWA-25A10F
25
58
220
4.9
FWA-30A10F
30
100
400
4.9
FWA-35A21F
35
75
800
4.5
FWA-40A21F
21 x 51mm
40
100
1000
5.1
FWA-45A21F
(
1316” x 2”)
45
130
1300
6
FWA-50A21F
50
170
1600
7.3
FWA-60A21F
60
250
2400
8.0
• Watts loss provided at rated current.
• See accessories on page 216.
Features and Benefits
• Excellent cycling capability and DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss in a compact size
• Used with finger-safe holders/blocks
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Ferrule — FWA 150V: 5-60A
Dimensions - in (mm)
Amp
Dimensions
Range
A
B
C
5-30
1.5 (38.1)
0.375 (9.5)
0.406 (10.3)
35-60
2.0 (50.8)
0.625 (15.9)
0.811 (20.6)
U
L
E
g
200
100
100
150
50
300
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
A
B
C
FWA 5-30A (10 x 38mm)
35-60A (21 X 51mm)
Specifications
Description:
Ferrule style high
speed fuses.
Dimensions:
See dimensions
illustration.
Ratings:
Volts: — 150Vac/dc
Amps: — 5-60A
IR: — 100kA Sym.
Agency Information:
CE, UL Recognition
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at
rated voltage and at power
factor of 15% are given in
the electrical
characteristics. For other
voltages, the clearing I2t is
found by multiplying by
correction factor, K, given
as a function of applied
working voltage, Eg, (rms).
150
102
70
22
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
2)
1) 5-30A Range
2) 35-60A Range
Data Sheet: 720003
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
197
High Speed Fuses


Similar Part No. - FWP-20A22FI

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
43Kb / 2P
   20-100A, 700 Volts
logo
Eaton All Rights Reserv...
FWP-20A22F EATON-FWP-20A22F Datasheet
130Kb / 3P
   Bussmann series 22 x 58 mm Modular fuse holders
More results

Similar Description - FWP-20A22FI

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com