Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805ZC225KAZ2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 0805ZC225KAZ2A
Description  MLCC with FLEXITERM General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805ZC225KAZ2A Datasheet(HTML) 2 Page - AVX Corporation

  0805ZC225KAZ2A Datasheet HTML 1Page - AVX Corporation 0805ZC225KAZ2A Datasheet HTML 2Page - AVX Corporation 0805ZC225KAZ2A Datasheet HTML 3Page - AVX Corporation 0805ZC225KAZ2A Datasheet HTML 4Page - AVX Corporation 0805ZC225KAZ2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
47
MLCC with FLEXITERM®
Specifications and Test Methods
PERFORMANCE TESTING
BOARD BEND TEST PROCEDURE
According to AEC-Q200
BEND TESTPLATE
CONTROL PANEL
CONNECTOR
DIGITAL
CALIPER
MOUNTING
ASSEMBLY
LOADING
KNIFE
CONTROL
PANEL
BOARD BEND TEST RESULTS
AEC-Q200 Vrs AVX FLEXITERM® Bend Test
12
0603
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1206
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
0805
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1210
10
8
6
4
2
0
NPO
X7R
X7R soft term
TEMPERATURE CYCLE TEST PROCEDURE
1 hour 12mins
+1250 C
+250 C
-550 C
AVX ENHANCED SOFT
TERMINATION BEND TEST
PROCEDURE
Bend Test
The capacitor is soldered to the printed circuit
board as shown and is bent up to 10mm at
1mm per second:
Typical bend test results are shown below:
Style
Conventional Termination
FLEXITERM®
0603
>2mm
>5mm
0805
>2mm
>5mm
1206
>2mm
>5mm
AEC-Q200 Qualification:
• Created by the Automotive Electronics
Council
• Specification defining stress
test qualification for
passive components
Testing:
Key tests used to compare
soft termination to
AEC-Q200 qualification:
• Bend Test
• Temperature Cycle Test
Test Procedure as per AEC-Q200:
The test is conducted to determine the resistance of the
component when it is exposed to extremes of alternating
high and low temperatures.
• Sample lot size quantity 77 pieces
• TC chamber cycle from -55ºC to +125ºC for 1000 cycles
• Interim electrical measurements at 250, 500, 1000 cycles
• Measure parameter capacitance dissipation factor,
insulation resistance
Test Procedure as per AEC-Q200:
Sample size:
20 components
Span: 90mm
Minimum deflection spec: 2 mm
• Components soldered onto FR4 PCB (Figure 1)
• Board connected electrically to the test equipment
(Figure 2)
Fig 1 - PCB layout with electrical connections
Fig 2 - Board Bend test
equipment
Test Temperature Profile (1 cycle)
TABLE SUMMARY
• The board is placed on 2 supports 90mm
apart (capacitor side down)
• The row of capacitors is aligned with the
load stressing knife
• The load is applied and the deflection where
the part starts to crack is recorded (Note:
Equipment detects the start of the crack
using a highly sensitive current detection
circuit)
• The maximum deflection capability is 10mm
Max. = 10mm
Max. = 10mm
90mm


Similar Part No. - 0805ZC225KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC222JAZ2A AVX-0805ZC222JAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
0805ZC224KAT2A AVX-0805ZC224KAT2A Datasheet
131Kb / 4P
   X7R Dielectric
More results

Similar Description - 0805ZC225KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
12065C334KAZ2A AVX-12065C334KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM
logo
Kyocera Kinseki Corpota...
08055C104KAZ2A KSS-08055C104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
0805ZC684KAZ2A AVX-0805ZC684KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰 General Specifications
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com