Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138BKW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BSS138BKW
Description  60 V, 320 mA N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138BKW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BSS138BKW Datasheet HTML 7Page - NXP Semiconductors BSS138BKW Datasheet HTML 8Page - NXP Semiconductors BSS138BKW Datasheet HTML 9Page - NXP Semiconductors BSS138BKW Datasheet HTML 10Page - NXP Semiconductors BSS138BKW Datasheet HTML 11Page - NXP Semiconductors BSS138BKW Datasheet HTML 12Page - NXP Semiconductors BSS138BKW Datasheet HTML 13Page - NXP Semiconductors BSS138BKW Datasheet HTML 14Page - NXP Semiconductors BSS138BKW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BSS138BKW
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 August 2011
11 of 16
NXP Semiconductors
BSS138BKW
60 V, 320 mA N-channel Trench MOSFET
9.
Package outline
Fig 18. Package outline SOT323 (SC-70)
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16


Similar Part No. - BSS138BKW

ManufacturerPart #DatasheetDescription
logo
Rohm
BSS138BKW ROHM-BSS138BKW Datasheet
5Mb / 14P
   Nch 60V 380mA Small Signal MOSFET
logo
Nexperia B.V. All right...
BSS138BKW NEXPERIA-BSS138BKW Datasheet
1Mb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 12 August 2011
logo
TECH PUBLIC Electronics...
BSS138BKW TECHPUBLIC-BSS138BKW Datasheet
1Mb / 5P
   nullN-Channel Enhancement Mode MOSFET
logo
NXP Semiconductors
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
More results

Similar Description - BSS138BKW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
logo
Nexperia B.V. All right...
BSS138BKW NEXPERIA-BSS138BKW Datasheet
1Mb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 12 August 2011
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW_15 Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002PS NXP-2N7002PS Datasheet
382Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-1 July 2010
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138PS PHILIPS-BSS138PS_15 Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS Datasheet
861Kb / 18P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com