Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84AKT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSS84AKT
Description  50 V, 150 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS84AKT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSS84AKT Datasheet HTML 2Page - NXP Semiconductors BSS84AKT Datasheet HTML 3Page - NXP Semiconductors BSS84AKT Datasheet HTML 4Page - NXP Semiconductors BSS84AKT Datasheet HTML 5Page - NXP Semiconductors BSS84AKT Datasheet HTML 6Page - NXP Semiconductors BSS84AKT Datasheet HTML 7Page - NXP Semiconductors BSS84AKT Datasheet HTML 8Page - NXP Semiconductors BSS84AKT Datasheet HTML 9Page - NXP Semiconductors BSS84AKT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BSS84AKT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 23 May 2011
6 of 16
NXP Semiconductors
BSS84AKT
50 V, 150 mA P-channel Trench MOSFET
7.
Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = -10 µA; VGS =0V; Tj = 25 °C
-50
--V
VGSth
gate-source threshold
voltage
ID =-250 µA; VDS =VGS; Tj = 25 °C
-1.1
-1.6
-2.1
V
IDSS
drain leakage current
VDS =-50 V; VGS =0V; Tj = 25 °C
---1
µA
VDS =-50 V; VGS =0V; Tj = 150 °C
---2
µA
IGSS
gate leakage current
VGS =-20 V; VDS =0V; Tj = 25 °C
-
-
-10
µA
VGS =20 V; VDS =0V; Tj = 25 °C
-
-
-10
µA
RDSon
drain-source on-state
resistance
VGS =-10 V; ID = -100 mA; Tj =25 °C
-
4.5
7.5
VGS =-10 V; ID = -100 mA; Tj = 150 °C
-
8
13.5
VGS =-5 V; ID = -100 mA; Tj =25 °C
-
5.7
8.5
gfs
forward transconductance VDS =-10 V; ID = -100 mA; Tj = 25 °C
-
150
-
mS
Dynamic characteristics
QG(tot)
total gate charge
VDS =-25 V; ID = -200 mA; VGS =-5V;
Tj =25°C
-
0.26
0.35
nC
QGS
gate-source charge
-
0.12
-
nC
QGD
gate-drain charge
-
0.09
-
nC
Ciss
input capacitance
VDS = -25 V; f = 1 MHz; VGS =0V;
Tj =25°C
-
2436pF
Coss
output capacitance
-
4.5
-
pF
Crss
reverse transfer
capacitance
-1.3
-pF
td(on)
turn-on delay time
VDS =-30 V; RL =250 Ω; VGS =-10 V;
RG(ext) =6 Ω; Tj =25°C
-
1326ns
tr
rise time
-
11
-
ns
td(off)
turn-off delay time
-
48
96
ns
tf
fall time
-
25
-
ns
Source-drain diode
VSD
source-drain voltage
IS =-115mA; VGS =0V; Tj = 25 °C
-0.48
-0.85
-1.2
V


Similar Part No. - BSS84AKT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS84AKT NEXPERIA-BSS84AKT Datasheet
983Kb / 17P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
More results

Similar Description - BSS84AKT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84AKW NXP-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKT NEXPERIA-BSS84AKT Datasheet
983Kb / 17P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW PHILIPS-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKW NEXPERIA-BSS84AKW Datasheet
1Mb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW PHILIPS-BSS84AKW_15 Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
logo
NXP Semiconductors
BSS84AK215 NXP-BSS84AK215 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AK PHILIPS-BSS84AK_15 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AK NEXPERIA-BSS84AK Datasheet
1Mb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com