Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82496C3109 Datasheet(PDF) 2 Page - EPCOS

Part # B82496C3109
Description  SMT inductors, SIMID series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496C3109 Datasheet(HTML) 2 Page - EPCOS

  B82496C3109 Datasheet HTML 1Page - EPCOS B82496C3109 Datasheet HTML 2Page - EPCOS B82496C3109 Datasheet HTML 3Page - EPCOS B82496C3109 Datasheet HTML 4Page - EPCOS B82496C3109 Datasheet HTML 5Page - EPCOS B82496C3109 Datasheet HTML 6Page - EPCOS B82496C3109 Datasheet HTML 7Page - EPCOS B82496C3109 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Size 0603 (EIA) and/or 1608 (IEC)
Rated inductance 1 nH to 220 nH
Rated current 110 mA to 1800 mA
Construction
Copper-plated ceramic core
Laser-cut winding, epoxy-coated
Features
Temperature range up to 150 °C
High resonance frequency
Close inductance tolerance
Free of polarization effect
High mechanical stability
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
RoHS-compatible
Applications
Resonant circuits, impedance matching for
Multimedia
Car access systems
Wireless communication systems
TPMS (Tire Pressure Monitoring System)
GPS (Global Positioning System)
Digital cameras
Terminals
Base material Al2O3 ceramic with Cu layer
Layer composition Ni, Sn (lead-free)
Electro-plated
Marking
No marking on component
Minimum data on reel:
Manufacturer, ordering code, L value,
quantity, date of packing
Delivery mode and packing unit
8-mm cardboard tape, wound on 180-mm ∅ reel
Bulk case on request
Packing unit: 4000 pcs./reel
B82496C
SMT inductors, SIMID series
SIMID 0603-C


Similar Part No. - B82496C3109

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3109 EPCOS-B82496C3109 Datasheet
484Kb / 8P
   SMT inductors
B82496C3109++ EPCOS-B82496C3109+ Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
logo
TDK Electronics
B82496C3109+000 TDK-B82496C3109+000 Datasheet
487Kb / 8P
   SMT inductors
October 2012
logo
EPCOS
B82496C3109-000 EPCOS-B82496C3109-000 Datasheet
484Kb / 8P
   SMT inductors
B82496C3109A EPCOS-B82496C3109A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
More results

Similar Description - B82496C3109

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com