Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M7105 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 170M7105
Description  690V (IEC) 1000-4000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M7105 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  170M7105 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M7105 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720020
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Square Body – Flush End Contact
690V (IEC)
1000-4000A
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power loss-
es at load currents lower than the rated
current . The correction factor, Kp , is
given as a function of the RMS load cur-
rent, Ib , in % of the rated current .
Electrical Characteristics
K
1.5
1.0
0.5
0.4
0.3
0.2
E
g
1)
100 200 300 400 500 600 690
U
L
1.4
1.2
103
6
8
7
9
5
4
3
E
g
200
300
400
500
600 690
K
p
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
Size
F
G
4B
M10 10 deep
33
4G
⁄Ω™∑ -13 UNC-2B 10 deep
38
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
53
105
67
15
F
G
105
Ø4
Ø56
Dimensions
Flush End Contact: Type 4B/-, 4BKN/-, 4G/-, 4GKN/-
1) Rated voltage 600V
7-11-01
SB01191
®


Similar Part No. - 170M7105

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M7081 COOPER-170M7081 Datasheet
43Kb / 2P
   Electrical Characteristics
More results

Similar Description - 170M7105

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
logo
Schneider Electric
ATV61EXA2M10Y SCHNEIDER-ATV61EXA2M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP23
ATV61EXA5M10Y SCHNEIDER-ATV61EXA5M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP54
logo
Cooper Bussmann, Inc.
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com