Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M7081 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M7081
Description  690V (IEC) 1000-4000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M7081 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M7081 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M7081 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720020
Bussmann®
Square Body – Flush End Contact
690V (IEC)
1000-4000A
Electrical Characteristics
Ordering Information
Curves
Rated
Rated
Current
Current
Watts
Watts
-BKN/-
-GKN/-
RMS-
RMS-
I2t (A2S)
Loss
Loss
-B/-
Type K
-G/-
Type K
Carton
Norm.
Liquid
Clearing
Norm.
Liquid
Visual
Indicator
Visual
Indicator
Carton
Weight
Size
Cool.
Cool.
Pre-arc
at 660V
Cool.
Cool.
Indicator
for Micro
Indicator
for Micro
Qty.
(kg)
BIF #
1000
1350
76000
505000
175
315
170M7058
170M7078
170M7098
170M7118
1250
1700
145000
965000
195
355
170M7059
170M7079
170M7099
170M7119
1400
1900
205000
1400000
205
375
170M7060
170M7080
170M7100
170M7120
1600
2200
305000
2050000
220
405
170M7061
170M7081
170M7101
170M7121
4
2000
2700
600000
3950000
245
445
170M7062
170M7082
170M7102
170M7122
2
1.80
17056328
2500
3400
1200000
7800000
275
495
170M7063
170M7083
170M7103
170M7123
3000
4100
2000000
13500000
305
555
170M7064
170M7084
170M7104
170M7124
3500
4700
3250000
22000000
325
585
170M7065
170M7085
170M7105
170M7125
†4000
†5400
4700000
†28000000
355
640
170M7066
170M7086
170M7106
170M7126
Interrupting rating 200kA (Estimated 300kA) RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †600V
Liquid Cool. = Liquid cooling. Temperature on the terminals not to exceed 60°C.
Microswitch indicator ordered separately.
7-11-01
SB01191
®


Similar Part No. - 170M7081

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M7081 COOPER-170M7081 Datasheet
43Kb / 2P
   Electrical Characteristics
More results

Similar Description - 170M7081

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
logo
Schneider Electric
ATV61EXA2M10Y SCHNEIDER-ATV61EXA2M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP23
ATV61EXA5M10Y SCHNEIDER-ATV61EXA5M10Y Datasheet
111Kb / 8P
   variable speed drive ATV61 Plus - 1000 kW - 690V - IP54
logo
Cooper Bussmann, Inc.
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com