Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8834 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8834
Description  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8834 Datasheet(HTML) 3 Page - Vishay Siliconix

  8834 Datasheet HTML 1Page - Vishay Siliconix 8834 Datasheet HTML 2Page - Vishay Siliconix 8834 Datasheet HTML 3Page - Vishay Siliconix 8834 Datasheet HTML 4Page - Vishay Siliconix 8834 Datasheet HTML 5Page - Vishay Siliconix 8834 Datasheet HTML 6Page - Vishay Siliconix 8834 Datasheet HTML 7Page - Vishay Siliconix 8834 Datasheet HTML 8Page - Vishay Siliconix 8834 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
www.vishay.com
3
Vishay Siliconix
SiC414, SiC424
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
FUNCTIONAL BLOCK DIAGRAM
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Electrical Parameter
Conditions
Limits
Unit
VIN
to PGND
- 0.3 to + 30
V
LX
to PGND
- 0.3 to + 30
LX (transient < 100 ns)
to PGND
- 2 to + 30
EN/PSV, PGOOD, ILIM
to GND
- 0.3 to + (V5V + 0.3)
VOUT, VLDO, FB
to GND
- 0.3 to + (V5V + 0.3)
V5V
to PGND
- 0.3 to + 6
tON
to PGND
- 0.3 to + (V5V - 1.5)
BST
to LX
- 0.3 to + 6
to PGND
- 0.3 to + 35
ENL
- 0.3 to VIN
AGND to PGND
- 0.3 to + 0.3
Temperature
Maximum Junction Temperature
150
°C
Storage Temperature
- 65 to 150
Power Dissipation
Junction to Ambient Thermal Impedance (RthJA)
b
IC Section
43
°C/W
Maximum Power Dissipation
Ambient Temperature = 25 °C
3.4
W
Ambient Temperature = 100 °C
1.3
ESD Protection
HBM
2
kV
Gate Drive
Control
On-Time
Generator
+
-
Zero Cross
Detector
FB Comparator
Soft Start
Reference
V5V
2
22
25
AGND
3, 26, PAD1
PGOOD
V5V
Control and Status
EN/PSV
1
27
4
6
FB
TON
VOUT
Valley1-Limit
Bypass Comparator
A
B
Y
LDO
28
ENL
VIN
VLDO
MUX
V5V
DL
23
7
BST
LX
ILIM
PGND
VIN
VIN
V5V
13, 14, 16 to 19
12, 15, 20, 21,
24 PAD3
5, 8 to 11, PAD2


Similar Part No. - 8834

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8834 VISHAY-8834 Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
8834 VISHAY-8834 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
logo
List of Unclassifed Man...
8834 ETC2-8834 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
Molex Electronics Ltd.
883406 MOLEX5-883406 Datasheet
316Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Three Level Terminal Block, Modular, 6 Circuits
883406 MOLEX11-883406 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Medium Profile, Three Level Terminal Block
More results

Similar Description - 8834

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com