Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45196H1336K209 Datasheet(PDF) 8 Page - Texas Instruments

Part # B45196H1336K209
Description  The following sections describe the function of individual circuits.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

B45196H1336K209 Datasheet(HTML) 8 Page - Texas Instruments

Back Button B45196H1336K209 Datasheet HTML 4Page - Texas Instruments B45196H1336K209 Datasheet HTML 5Page - Texas Instruments B45196H1336K209 Datasheet HTML 6Page - Texas Instruments B45196H1336K209 Datasheet HTML 7Page - Texas Instruments B45196H1336K209 Datasheet HTML 8Page - Texas Instruments B45196H1336K209 Datasheet HTML 9Page - Texas Instruments B45196H1336K209 Datasheet HTML 10Page - Texas Instruments B45196H1336K209 Datasheet HTML 11Page - Texas Instruments B45196H1336K209 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
2
Circuit Description
2.1
Schematic Diagram
2.2
Circuit Function
2.2.1
Power
2.2.2
Clock Input
2.2.3
External References
Circuit Description
The schematic diagram for the EVM is in Section 6.3.
The following sections describe the function of individual circuits. Refer to the relevant data sheet for
device operating characteristics.
Power is supplied to the EVM via banana jack sockets. By default, the EVM is configured to use a power
management solution to supply the ADC and analog and digital power supplies, allowing users to power
the board with a single 5-V power supply. The ADC power management solution is based on TI's
TPS77533 and TPS73218, which supply 3.3 V and 1.8 V, respectively. In addition, the EVM offers the
capability to supply to the ADC independent 3.3-V analog and 1.8-V digital supplies. The circuit board
uses only one ground plane, and the heat slug is tied to ground with multiple vias to provide for thermal
dissipation. Table 2 offers a snapshot of the power-supply options.
Table 2. EVM Power-Supply Options
EVM Banana Jack
DESCRIPTION
J1
Auxiliary circuit 5-V digital supply: PECL driver and USB circuitry
J2
Single ground plane
J4
ADS528x 3.3-V analog supply (only active when JP8 = 2–3)
J5
ADS528x 1.8-V digital supply (only active when JP9 = 2–3)
A single-ended square or sinusoidal clock input should be applied to J26. The clock frequency should not
exceed the maximum speed rating found in the data sheet. Several different clocking options exist to allow
flexible evaluation of the ADC.
In the default case, a single-ended clock is converted to a differential clock using a Mini-Circuits TC1-1T
transformer. When using this option, the ADC should be configured in differential clock mode by writing
0x8001 to ADC register address 0x42. By default, after a software reset this option is asserted to coincide
with the EVM default.
A second EVM option allows the ADC to be configured in single-ended mode. This is provided to the ADC
using an On Semiconductor™ MC100EPT21 amplifier, which provides for sine-wave to square-wave
conversion. This configuration can be used for both ADS528X and ADS527X devices. To use this mode,
use the surface-mount jumpers JP3, JP4, and JP5, and configure each one of them to have positions 2–3
shorted.
The EVM offers the ability to force external references to the ADC. By default, the ADC is configured to
use the references generated internal to the ADC. To force the ADC to use external references, users
must short JP2 pads 2–3, which in turn grounds the INT/EXT pin of the ADC. Users can then use J6 pin 1
to force a REFB and pin 3 to force a REFT voltage. GND should be connected to J6 pin 2.
8
SLAU205 – January 2008
Submit Documentation Feedback


Similar Part No. - B45196H1336K209

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45196H1226J106 EPCOS-B45196H1226J106 Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
B45196H1226J109 EPCOS-B45196H1226J109 Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
B45196H1226J206 EPCOS-B45196H1226J206 Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
B45196H1226J209 EPCOS-B45196H1226J209 Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
B45196H1226J306 EPCOS-B45196H1226J306 Datasheet
123Kb / 12P
   Tantalum Chip Capacitors HighCap
More results

Similar Description - B45196H1336K209

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
   The following sections will demonstrate how to achieve
logo
STMicroelectronics
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
   The purpose of this document is to describe the design of the application
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
   The purpose of this document is to describe the design of the application
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
   Following the market launch of the award winning
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
STMicroelectronics
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
   The purpose of this document is to describe
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
   The purpose of this document is to describe
AN3383 STMICROELECTRONICS-AN3383 Datasheet
5Mb / 29P
   The purpose of this application note is to describe:
AN3959 STMICROELECTRONICS-AN3959 Datasheet
4Mb / 65P
   The purpose of this application note is to describe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com