Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA33D18HFP-TR Datasheet(PDF) 7 Page - Rohm

Part # BA33D18HFP-TR
Description  Dual Output Fixed Output LDO Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA33D18HFP-TR Datasheet(HTML) 7 Page - Rohm

Back Button BA33D18HFP-TR Datasheet HTML 3Page - Rohm BA33D18HFP-TR Datasheet HTML 4Page - Rohm BA33D18HFP-TR Datasheet HTML 5Page - Rohm BA33D18HFP-TR Datasheet HTML 6Page - Rohm BA33D18HFP-TR Datasheet HTML 7Page - Rohm BA33D18HFP-TR Datasheet HTML 8Page - Rohm BA33D18HFP-TR Datasheet HTML 9Page - Rohm BA33D18HFP-TR Datasheet HTML 10Page - Rohm BA33D18HFP-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/15
BA3258HFP
BA33Dxx series
Datasheet
TSZ02201-0R6R0A600090-1-2
26.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Fig.11
R.R. Characteristics
(ein = 0.5 VP-P, IO = 5 mA)
Fig.13
Output Voltage vs Temperature
(1.5 V output)
Fig.12
Output Voltage vs Temperature
(3.3 V output)
Fig.14
Circuit Current vs Temperature
(IO = 0 mA)
●Typical Performance Curves - continued
R.R.(3.3 V output)
R.R.(1.5 V output)


Similar Part No. - BA33D18HFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D18HFP ROHM-BA33D18HFP Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA33D18HFP ROHM-BA33D18HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results

Similar Description - BA33D18HFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com