Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMK212B7105KG-T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GMK212B7105KG-T
Description  6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GMK212B7105KG-T Datasheet(HTML) 1 Page - Vishay Siliconix

  GMK212B7105KG-T Datasheet HTML 1Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 2Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 3Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 4Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 5Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 6Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 7Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 8Page - Vishay Siliconix GMK212B7105KG-T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Vishay Siliconix
SiC414, SiC424
Document Number: 63388
S13-0248-Rev. B, 04-Feb-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
6 A, microBUCK® SiC414, SiC424
Integrated Buck Regulator with 5 V LDO
DESCRIPTION
The Vishay Siliconix SiC414 and SiC424 are an advanced
stand-alone synchronous buck regulator featuring integrated
power MOSFETs, bootstrap switch, and an internal 5 VLDO
in a space-saving PowerPAK MLP44-28L package.
The SiC414 and SiC424 are capable of operating with all
ceramic solutions and switching frequencies up to 1 MHz.
The programmable frequency, synchronous operation and
selectable power-save allow operation at high efficiency
across the full range of load current. The internal LDO may
be used to supply 5 V for the gate drive circuits or it may be
bypassed with an external 5 V for optimum efficiency and
used to drive external n-channel MOSFETs or other loads.
Additional features include cycle-by-cycle current limit,
voltage soft-start, under-voltage protection, programmable
over-current protection, soft shutdown and selectable
power-save. The Vishay Siliconix SiC414 and SiC424 also
provides an enable input and a power good output.
FEATURES
High efficiency > 95 %
6 A continuous output current capability
Integrated bootstrap switch
Integrated 5 V/200 mA LDO with bypass logic
Temperature compensated current limit
Pseudo
fixed-frequency
adaptive
on-time
control
All ceramic solution enabled
Programmable input UVLO threshold
Independent enable pin for switcher and LDO
Selectable ultrasonic power-save mode (SiC414)
Selectable power-save mode (SiC424)
Internal soft-start and soft-shutdown
1 % internal reference voltage
Power good output and over voltage protection
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Notebook, desktop, and server computers
Digital HDTV and digital consumer applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded applications
Point of load power supplies
TYPICAL APPLICATION CIRCUIT AND PACKAGE OPTION
PRODUCT SUMMARY
Input Voltage Range
3 V to 28 V
Output Voltage Range
0.75 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
6 A
Peak Efficiency
95 %
Package
PowerPAK MLP44-28L
PAD1
AGND
BST
VLDO
VIN
VOUT
AGND
V5V
FB
PAD3
LX
PAD2
VIN
LX
PGND
PGND
PGND
PGND
LX
LX
1
2
3
4
5
6
7
8
9
10 11 12
13
14
21
20
19
18
17
16
15
28
27 26 25 24
23
22
VOUT
VIN
VOUT
LDO_EN
PGOOD
EN/PSV (Tri-State)
3.3 V


Similar Part No. - GMK212B7105KG-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
GMK212B7105KG-T TAIYO-YUDEN-GMK212B7105KG-T Datasheet
323Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - GMK212B7105KG-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC424 VISHAY-SIC424_V01 Datasheet
1Mb / 23P
   6 A, microBUCK짰 SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC413 VISHAY-SIC413 Datasheet
378Kb / 18P
   microBUCK SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
Rev. D, 26-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com