Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML512BC5T Datasheet(PDF) 1 Page - Rohm

Part # SML512BC5T
Description  Original device technology enables high brightness and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML512BC5T Datasheet(HTML) 1 Page - Rohm

  SML512BC5T Datasheet HTML 1Page - Rohm SML512BC5T Datasheet HTML 2Page - Rohm SML512BC5T Datasheet HTML 3Page - Rohm SML512BC5T Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
0.8
Terminal
Cathode mark
1.0
1.2
1.6
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y
X
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
Y’
X’
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Y’
X’
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
*1:Duty1/5, 200Hz / *2:Duty1/10, 1kHz / *3:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV
Typ.
(V)
IF(mA)
Max.
(μA)
VR(V)
Min.*
3
(nm)
Typ.
(nm)
Max.*
3
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
SML-512VW(A)
AIGaInP on
GaAs
Red
75
30
100*
2
5
-40 to +100
-40 to +100
2.0
20
10
5
626
630
636
20
35.5
56
20
SML-512VW
22
63
SML-512UW
619
624
629
SML-511UW
62
25
60*
1
4
-30 to +85
-40 to +85
100
4
615
620
625
14
40
SML-512CW(A)
Orange
75
30
100*
2
5
-40 to +100
-40 to +100
10
5
600
603
606
71
112
SML-512DW
603
606
609
36
100
SML-511DW
62
25
60*
1
4
-30 to +85
-40 to +85
100
4
602
605
608
14
40
SML-512WW
Yellow
75
30
100*
2
5
-40 to +100
-40 to +100
10
5
587
590
593
36
63
SML-511WW
62
25
60*
1
4
-30 to +85
-40 to +85
100
4
22
40
SML-512MW
Yellowish
Green
65
100*
2
5
2.1
5
567
570
575
14
SML-512PW(A)
Green
-40 to +100
-40 to +100
557
560
563
5.6
14
SML512BC5T
InGaN
Blue
66
20
2.9
5
464
470
476
5
16
5
SML-51 Series
Tolerance : ±0.1
(unit : mm)
SML512BC5T
(unit : mm)
Color
Type
V
U
C
D
W
M
P
B
SML-51 Series
Features
・Original device technology enables high brightness
and high reliability
・High reliability due to the wide operation
temperature(-40℃ to +100℃) (SML-512(A) Series)
1608
(0603)
1.6×0.8mm
(t=0.55mm)
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
1/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML512BC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
   <1.6 0.8 t=0.55mm> Low Current Type
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com