Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012YT Datasheet(PDF) 5 Page - Rohm

Part # SML-012YT
Description  Reflector improved the concentration of viewing angle and luminous intensity to the front direction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012YT Datasheet(HTML) 5 Page - Rohm

  SML-012YT Datasheet HTML 1Page - Rohm SML-012YT Datasheet HTML 2Page - Rohm SML-012YT Datasheet HTML 3Page - Rohm SML-012YT Datasheet HTML 4Page - Rohm SML-012YT Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R1120A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes


Similar Part No. - SML-012YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012YT ROHM-SML-012YT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-012YT ROHM-SML-012YT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012YT ROHM-SML-012YT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012YT ROHM-SML-012YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012YT ROHM-SML-012YT Datasheet
497Kb / 10P
   SML-01 series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com