Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4S01G2 Datasheet(PDF) 9 Page - Rohm

Part # BU4S01G2
Description  Single Gate CMOS Logic ICs Gate>
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S01G2 Datasheet(HTML) 9 Page - Rohm

Back Button BU4S01G2 Datasheet HTML 5Page - Rohm BU4S01G2 Datasheet HTML 6Page - Rohm BU4S01G2 Datasheet HTML 7Page - Rohm BU4S01G2 Datasheet HTML 8Page - Rohm BU4S01G2 Datasheet HTML 9Page - Rohm BU4S01G2 Datasheet HTML 10Page - Rohm BU4S01G2 Datasheet HTML 11Page - Rohm BU4S01G2 Datasheet HTML 12Page - Rohm BU4S01G2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2
Technical Note
9/16
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
1
2
3
4
5
6
0
1234
5
Input Voltage [V]
Electrical Characteristics Curves(BU4S01G2)
Pinout Diagram ・Pin Description・Input / Output Table
PIN
PIN NAME
I/O
PIN FUNCTION
1
A
I
Input
2
B
I
Input
3
VSS
-
Power supply(-)
4
Y
O
Output
5
VDD
-
Power supply(+)
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
0
2
4
6
8
10
12
0246
8
10
Input Voltage [V]
0
5
10
15
20
0
5
10
15
Input Voltage [V]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
50
100
150
200
250
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
Fig.6
Output rising time tTLH
Fig.3
Output voltage-Input voltage characteristics
VDD=15[V] / VSS=0[V])
Fig.7
Output falling time tTHL
Fig.8
Propagation delay time tPLH
Fig.9
Propagation delay time tPHL
Fig.4
Output source current-voltage characteristics
Fig.5
Output sink current-voltage characteristics
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
85[℃]
25[℃] -40[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
VDD=15[V]
VDD=5[V]
-40[℃]
25[℃]
85[℃]
VDD=10[V]
VDD=10[V]
VDD=15[V]
-40[℃]
25[℃]
85[℃]
VDD=5[V]
Fig.2
Output voltage-Input voltage characteristics
VDD=10[V] / VSS=0[V])
Fig.1
Output voltage-Input voltage characteristics
VDD=5[V] / VSS=0[V])
25[℃]
-40[℃]
85[℃]
-40[℃]
85[℃]
25[℃]
85[℃]
25[℃] -40[℃]
85[℃]
25[℃] -40[℃]
[BU4S10G2]
[BU4S10G2]
[BU4S01G2]
[BU4S10G2]
[BU4S10G2]
Operating Tempretrue Range
Operating Voltage Range
[BU4S01G2]
[BU4S10G2]
Operating Tempretrue Range
[BU4S10G2]
Operating Tempretrue Range
[BU4S01G2]
12
3
VDD
Y
AB
VSS
54
VDD=10[V]
VDD=5 [V]
VDD=3 [V]
VDD=16[V]
VDD=10[V]
VDD=5 [V]
VDD=3 [V]


Similar Part No. - BU4S01G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2 Datasheet
152Kb / 5P
   single 2 input NOR gates
BU4S01G2 ROHM-BU4S01G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S01G2 ROHM-BU4S01G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S01G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
OSRAM GmbH
SFH5400 OSRAM-SFH5400 Datasheet
146Kb / 7P
   Logic Gate Detector
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com