Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JEB Datasheet(PDF) 1 Page - Rohm

Part # DTC123JEB
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC123JEB Datasheet(HTML) 1 Page - Rohm

  DTC123JEB Datasheet HTML 1Page - Rohm DTC123JEB Datasheet HTML 2Page - Rohm DTC123JEB Datasheet HTML 3Page - Rohm DTC123JEB Datasheet HTML 4Page - Rohm DTC123JEB Datasheet HTML 5Page - Rohm DTC123JEB Datasheet HTML 6Page - Rohm DTC123JEB Datasheet HTML 7Page - Rohm DTC123JEB Datasheet HTML 8Page - Rohm DTC123JEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
DTC123J series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for
operation, making the circuit design easy.
5) Complementary PNP Types :DTA123J series
6) Complex transistors :EMH10 /UMH10N
lInner circuit
/EMG11 /UMG11N (NPN type)
7) Lead Free/RoHS Compliant.
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
lPackaging specifications
R1
2.2kW
R2
47kW
Parameter
Value
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
DTC123JM
VMT3
1212
T2L
180
8
8,000
Reel size
(mm)
E42
DTC123JEB
EMT3F
1616
TL
180
8
3,000
E42
3,000
E42
8
3,000
142
8
DTC123JE
EMT3
1616
TL
180
DTC123JUB
UMT3F
2021
TL
180
3,000
142
DTC123JKA
SMT3
2928
T146
180
8
3,000
E42
DTC123JUA
UMT3
2021
T106
180
8
VMT3
EMT3F
EMT3
UMT3F
UMT3
SMT3
DTC123JM
(SC-105AA)
OUT
IN
GND
OUT
IN
GND
DTC123JUB
(SC-85)
DTC123JE
SOT-416 (SC-75A)
DTC123JKA
SOT-346 (SC-59)
DTC123JUA
SOT-323 (SC-70)
DTC123JEB
(SC-89)
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
1/10
2012.04 - Rev.A


Similar Part No. - DTC123JEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JEB ROHM-DTC123JEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTC123JEB ROHM-DTC123JEB Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JEB ROHM-DTC123JEB Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JEB ROHM-DTC123JEB Datasheet
1Mb / 5P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JEB ROHM-DTC123JEB Datasheet
4Mb / 12P
   NPN 100mA 50V Digital Transistors
More results

Similar Description - DTC123JEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com