Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC403CD-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC403CD-T1-GE3
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403CD-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC403CD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC403CD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.vishay.com
2
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vishay.com
PIN CONFIGURATION (TOP VIEW)
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
31
30 29
25
26
27
28
32
PIN DESCRIPTION
Pin Number
Symbol
Description
1FB
Feedback input for switching regulator. Connect to an external resistor divider from output to program
output voltage.
2VOUT
Output voltage input to the controller. Additionally may be used to by pass LDO to supply VDD directly.
3VDD
Bias for internal logic circuitry and gate drivers. Connect to external 5V power supply or configure
the internal LDO for 5 V.
4, 30, PAD 1
AGND
Analog ground
5FBL
Feedback input for internal LDO. Connect to an external resistor divider from VDD to AGND to program
LDO output.
6, 9-11, PAD 2
VIN
Power stage input (HS FET Drain)
7
SS
Connect to an external capacitor to AGND to program softstart ramp
8
BST
Bootstrap pin. A capacitor is connected between BST and LX to provide HS driver voltage.
12
NC
Not internally connected
13, 23-25, 28, PAD 3
LX
Switching node (HS FET Source and LS FET Drain)
14
NC
Not internally connected
15-22
PGND
Power ground (LS FET Source)
26
PGOOD
Open-drain power good indicator. Externally pull-up resistor is required.
27
ILIM
Connect to an external resistor between ILIM and LX to program over current limit
29
EN/PSV
Tri-state pin. Pull low to AGND to disable the regulator. Float to enable forced continuous current
mode. Pull high to VDD to enable power save mode.
31
TON
Connect to an external resistor to AGND program on-time
32
ENL
Enable input for internal LDO. Pull down to AGND to disable internal LDO.
ORDERING INFORMATION
Part Number
Package
SiC403CD-T1-GE3
MLPQ55-32
SiC403DB
Evaluation board


Similar Part No. - SIC403CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403CD-T1-GE3 VISHAY-SIC403CD-T1-GE3 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403CD-T1-GE3 VISHAY-SIC403CD-T1-GE3 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
More results

Similar Description - SIC403CD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com