Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIC402BCD-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC402BCD-T1-GE3
Description  10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC402BCD-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC402BCD-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIC402BCD-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Vishay Siliconix
SiC402A, SiC402BCD
Document Number: 63729
S12-2109-Rev. B, 03-Sep-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
10 A microBUCK® SiC402A/B
Integrated Buck Regulator with Programmable LDO
DESCRIPTION
The Vishay Siliconix SiC402A/B an advanced stand-alone
synchronous buck regulator featuring integrated power
MOSFETs, bootstrap switch, and a programmable LDO in a
space-saving PowerPAK MLP55-32L pin packages.
The SiC402A/B are capable of operating with all ceramic
solutions and switching frequencies up to 1 MHz. The
programmable
frequency,
synchronous
operation
and
selectable power-save allow operation at high efficiency
across the full range of load current. The internal LDO may
be used to supply 5 V for the gate drive circuits or it may be
bypassed with an external 5 V for optimum efficiency and
used to drive external n-channel MOSFETs or other loads.
Additional features include cycle-by-cycle current limit,
voltage soft-start, under-voltage protection, programmable
over-current protection, soft shutdown and selectable
power-save. The Vishay Siliconix SiC402A/B also provides
an enable input and a power good output.
FEATURES
High efficiency > 95 %
10 A continuous output current capability
Integrated bootstrap switch
Programmable 200 mA LDO with bypass logic
Temperature compensated current limit
Pseudo
fixed-frequency
adaptive
on-time
control
All ceramic solution enabled
Programmable input UVLO threshold
Independent enable pin for switcher and LDO
Selectable ultra-sonic power-save mode (SiC402A)
Selectable power-save mode (SiC402B)
Programmable soft-start and soft-shutdown
1 % internal reference voltage
Power good output
Over-voltage and under-voltage protections
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Notebook, desktop, and server computers
Digital HDTV and digital consumer applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded applications
Point of load power supplies
TYPICAL APPLICATION CIRCUIT AND PACKAGE OPTIONS
PRODUCT SUMMARY
Input Voltage Range
3 V to 28 V
Output Voltage Range
0.6 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
10 A
Peak Efficiency
95 %
Package
PowerPAK MLP55-32L
Typical Application Circuit for SiC402A/B (PowerPAK MLP55-32L)
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
VIN
VOUT
VOUT
PGOOD
3.3 V
EN/PSV (Tri-State)
LDO_EN
31 30 29
25
26
27
28
32


Similar Part No. - SIC402BCD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC402BCD-T1-GE3 VISHAY-SIC402BCD-T1-GE3 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results

Similar Description - SIC402BCD-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com