Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4416P-T02-222 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4416P-T02-222
Description  4400P Series - Thick Film Surface Mounted Wide Body
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4416P-T02-222 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4416P-T02-222 Datasheet HTML 1Page - Bourns Electronic Solutions 4416P-T02-222 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
RoHS compliant*
Standard E.I.A. package compatible with
automatic placement equipment
Compliant leads to reduce solder joint
fatiguing
Tape and reel packaging standard
Standard electrical schematics: isolated,
bussed, dual terminator
Custom circuits are available
Now available with improved tolerance to
±0.5 %
4400P Series - Thick Film Surface Mounted Wide Body
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
................... 10 ohms to 2.2 megohms
Maximum Operating Voltage ...........50 V
Temperature Coefficient of Resistance
50
Ω and above..............±100 ppm/°C
below 50
Ω.....................±250 ppm/°C
TCR Tracking.........................50 ppm/°C
maximum; equal values
Operating Temperature
................................-55 °C to +125 °C
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Lead Solderability ..... Meet requirements
of MIL-STD-202 Method 208
Environmental Characteristics
TESTS PER MIL-STD-202 ...... ∆R MAX.
Short Time Overload..................±0.25 %
Load Life....................................±1.00 %
Moisture Resistance ..................±0.50 %
Resistance to Soldering Heat ....±0.25 %
Thermal Shock ..........................±0.25 %
Physical Characteristics
Flammability ........ Conforms to UL94V-0
Lead Frame Material
.........................Copper, solder coated
Body Material.................. Novolac epoxy
Package Power Temp. Derating Curve
How To Order
44 20 P - 1 - 103 __ LF
Model
(44 = SMD SOL
Pkg.)
Number of Pins
Electrical Configuration
• 1 or 4 = Isolated*
• 2 = Bussed*
• 3 = Dual Terminator*
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 1 megohm)
• D = ±0.5 % (100 ohms - 1 megohm)
Terminations
• All electrical configurations EXCEPT T03:
LF = Tin-plated (RoHS compliant)
• ONLY electrical configuration T03:
L = Tin-plated (RoHS compliant)
*For tube packaging, use T01, T02, T03 or T04.
Consult factory for other available options.
Product Dimensions
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
AMBIENT TEMPERATURE ( C )
°
0
70
125
2.25
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
25
4416P
4420P
Package Power Rating at 70 °C
4420P .....................................2.00 watts
4416P .....................................1.60 watts
Recommended Land Pattern
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
TYP.
SO-16L
SO-20L
NOTE: Land pattern dimensions are based on
design rules established by the Institute for Inter-
connecting and Packaging Electronic Circuits in
IPC-SM-782.
2.0
(.079)
TYP.
1.27
(.050)
TYP.
.63
(.025)
.63
(.025)
12.07
(.475)
7.6
(.299)
11.6
(.457)
4420P
7.493
.076
(.295
.003)
10.34
.25
(.407
.010)
.406
.025
(.016
.001)
10.41
.05
(.410
.003)
.127 + .127/ - .000
(.005 + .005/ - .000)
.305 + .000/ - .076
(.012 + .000/ - .003)
.94 + .33/ - .35
(.037 + .013/ - .014)
8
° MAX.
12.95
.05
(.510 +.001/ -.002)
1.27
.076
(.050
.003*)
TYP.
2.65
(.104)
MAX.
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
4416P-
CYYWW
2-472
PART
NUMBER
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
COUNTRY OF MANUFACTURE
(C = COSTA RICA)
DATE CODE


Similar Part No. - 4416P-T02-222

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4416P-1 BOURNS-4416P-1 Datasheet
235Kb / 2P
   Thick Film Surface Mounted Wide Body Tape and reel packaging standard
4416P-2 BOURNS-4416P-2 Datasheet
235Kb / 2P
   Thick Film Surface Mounted Wide Body Tape and reel packaging standard
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4416P-2-391 BOURNS-4416P-2-391 Datasheet
235Kb / 2P
   Compliant leads to reduce solder joint fatiguing
4416P-3 BOURNS-4416P-3 Datasheet
235Kb / 2P
   Thick Film Surface Mounted Wide Body Tape and reel packaging standard
More results

Similar Description - 4416P-T02-222

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4416P-2-103 BOURNS-4416P-2-103 Datasheet
235Kb / 2P
   4400P Series - Thick Film Surface Mounted Wide Body
4400P BOURNS-4400P Datasheet
247Kb / 2P
   Thick Film Surface Mounted Wide Body
4800P BOURNS-4800P Datasheet
257Kb / 3P
   Thick Film Surface Mounted Medium Body
4800P BOURNS-4800P_13 Datasheet
364Kb / 3P
   Thick Film Surface Mounted Medium Body
4816P-1-221 BOURNS-4816P-1-221 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T02-102LF BOURNS-4816P-T02-102LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-104LF BOURNS-4816P-T01-104LF Datasheet
254Kb / 4P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-220 BOURNS-4816P-T01-220 Datasheet
366Kb / 2P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-2-222 BOURNS-4816P-2-222 Datasheet
364Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
4816P-T01-472LF BOURNS-4816P-T01-472LF Datasheet
374Kb / 3P
   4800P Series - Thick Film Surface Mounted Medium Body
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com