Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF624 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRF624
Description  250V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF624 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRF624 Datasheet HTML 1Page - Fairchild Semiconductor IRF624 Datasheet HTML 2Page - Fairchild Semiconductor IRF624 Datasheet HTML 3Page - Fairchild Semiconductor IRF624 Datasheet HTML 4Page - Fairchild Semiconductor IRF624 Datasheet HTML 5Page - Fairchild Semiconductor IRF624 Datasheet HTML 6Page - Fairchild Semiconductor IRF624 Datasheet HTML 7Page - Fairchild Semiconductor IRF624 Datasheet HTML 8Page - Fairchild Semiconductor IRF624 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. A, November 2001
©2001 Fairchild Semiconductor Corporation
Typical Characteristics (Continued)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ JC (t) = 2 . 5 4
℃ /W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t)
s in g le p u ls e
D= 0 .5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u ra tio n [s ec ]
Figure 11-1. Transient Thermal Response Curve for IRF624B
t1
PDM
t
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
※ No te s :
1 . Z
θ JC (t) = 3 . 7
℃ /W M a x .
2 . D u ty F a c to r, D = t
1
/t
2
3 . T
JM - T C = P DM * Z θ JC (t )
s in g le p u ls e
D= 0 .5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q uar e
W a v e P u ls e D u ra tio n [s ec ]
Figure 11-2. Transient Thermal Response Curve for IRFS624B
t1
PDM
t
2


Similar Part No. - IRF624

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF624 VISHAY-IRF624 Datasheet
149Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
logo
Inchange Semiconductor ...
IRF624 ISC-IRF624 Datasheet
45Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF624 VISHAY-IRF624 Datasheet
159Kb / 8P
   Power MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
IRF624A FAIRCHILD-IRF624A Datasheet
220Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRF624PBF IRF-IRF624PBF Datasheet
283Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRF624

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com