Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

749196121 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749196121
Description  FLEX-TRANSFORMER WE-FLEX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196121 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
FLEX-ÜBERTRAGER WE-FLEX
description :
FLEX-TRANSFORMER WE-FLEX
DATUM / DATE : 2006-08-01
I Rollenspezifikation / tape and reel specification :
A
13,00 ± 0,1
mm
B
24,00 ± 0,2
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
11,50 ± 0,1
mm
H
16,00 ± 0,1
mm
I
6,50 ± 0,1
mm
K
13,00 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
..................................................................................
..................................................................................
TBr
2006-08-01
...............................................
..................................................
TBr
2005-01-19
Name
Datum / date
mm
1,50
C
Gurtspezifikation / Tape specification:
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Kunde / customer :
Artikelnummer / part number :
749196121
http://www.we-online.com
Kunde / customer
Würth Elektronik
Kontrolliert / approved
Unterschrift / signature
Datum / date
Geprüft / checked
Freigabe erteilt / general release:
Änderung / modification
Würth Elektronik eiSos GmbH & Co.KG
Spezifikation für Freigabe / specification for release
Version 1
Version 2
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is
the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
LF
Ø c
a
d
b
A
B
F
E
D
øC
H
I
G
H
SEITE 3 VON 3


Similar Part No. - 749196121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749196128 WURTH-749196128 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results

Similar Description - 749196121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749196101 WURTH-749196101 Datasheet
177Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196510 WURTH-749196510 Datasheet
159Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197121 WURTH-749197121 Datasheet
115Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197221 WURTH-749197221 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197321 WURTH-749197321 Datasheet
167Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749196111 WURTH-749196111 Datasheet
162Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196131 WURTH-749196131 Datasheet
162Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197111 WURTH-749197111 Datasheet
115Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197201 WURTH-749197201 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749196241 WURTH-749196241 Datasheet
158Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197211 WURTH-749197211 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com