Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS5121-333ML Datasheet(PDF) 6 Page - STMicroelectronics

Part # MSS5121-333ML
Description  350 mA adjustable step-down regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS5121-333ML Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MSS5121-333ML Datasheet HTML 2Page - STMicroelectronics MSS5121-333ML Datasheet HTML 3Page - STMicroelectronics MSS5121-333ML Datasheet HTML 4Page - STMicroelectronics MSS5121-333ML Datasheet HTML 5Page - STMicroelectronics MSS5121-333ML Datasheet HTML 6Page - STMicroelectronics MSS5121-333ML Datasheet HTML 7Page - STMicroelectronics MSS5121-333ML Datasheet HTML 8Page - STMicroelectronics MSS5121-333ML Datasheet HTML 9Page - STMicroelectronics MSS5121-333ML Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Simplified application schematic
PM6644
6/35
Doc ID 023203 Rev 1
1
Simplified application schematic
Figure 1.
VOUT = 3.47 V fixed configuration
Figure 2.
Adjustable VOUT configuration


Similar Part No. - MSS5121-333ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS5121-333ML COILCRAFT-MSS5121-333ML Datasheet
205Kb / 2P
   SMT Power Inductors
MSS5121-333ML COILCRAFT-MSS5121-333ML Datasheet
420Kb / 2P
   Shielded Power Inductors
More results

Similar Description - MSS5121-333ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA139V1 STMICROELECTRONICS-STEVAL-ISA139V1 Datasheet
229Kb / 4P
   350 mA valley current limit adjustable step-down regulator based on the PM6644
August 2014 Rev 1
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
   350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
Texas Instruments
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX638 MAXIM-MAX638 Datasheet
291Kb / 8P
   5V/Adjustable CMOS Step-down Switching Regulator
Rev 1; 7/96
logo
National Semiconductor ...
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
   150 mA, 100V Step-Down Switching Regulator
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
   30V, 600 mA Step Down Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
   150 mA, 100V Step-Down Switching Regulator
logo
Texas Instruments
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2694 30V, 600 mA Step Down Switching Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com