Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

749119950 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749119950
Description  POWER OVER ETHERNET-TRANSFORMER WE-PoE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749119950 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749119950 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119950 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749119950 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
POWER OVER ETHERNET-ÜBERTRAGER WE-PoE
description :
POWER OVER ETHERNET-TRANSFORMER WE-PoE
DATUM / DATE : 2007-03-19
I Rollenspezifikation / tape and reel specification :
A
13,6 ± 0,1
mm
B
32,0 ± 0,3
mm
B1
28,4 ± 0,1
mm
B2
14,2 ± 0,1
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
+ 0,1
- 0,0
+ 0,15
- 0,05
H
24,0 ± 0,1
mm
I
12,5 ± 0,1
mm
K
17,6 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
..................................................................................
..................................................................................
TBr
2007-03-19
...............................................
..................................................
TBr
2006-06-12
Name
Datum / date
G
1,70
mm
C
1,50
mm
F
1,50
mm
Änderung / modification
Gurtspezifikation / Tape specification:
Version 1
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
Freigabe erteilt / general release:
http://www.we-online.com
Kunde / customer
Würth Elektronik
Kontrolliert / approved
Unterschrift / signature
Datum / date
Geprüft / checked
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik eiSos GmbH & Co.KG
749119950
Version 2
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B1
E
D
øC
B
B2
F
G
I
K
H
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the
possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster preven
medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component w
is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Similar Part No. - 749119950

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7491199501 WURTH-7491199501 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
More results

Similar Description - 749119950

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7491199212 WURTH-7491199212 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750319032 WURTH-750319032 Datasheet
480Kb / 6P
   WE-PoE Power over Ethernet Transformer
001.000
7491199501 WURTH-7491199501 Datasheet
115Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
750032173 WURTH-750032173 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
003.001
750310019 WURTH-750310019 Datasheet
546Kb / 7P
   WE-PoE Power over Ethernet Transformer
004.001
750310027 WURTH-750310027 Datasheet
524Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
750313109 WURTH-750313109 Datasheet
551Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
750317123 WURTH-750317123 Datasheet
547Kb / 7P
   WE-PoE Power over Ethernet Transformer
004.001
750318962 WURTH-750318962 Datasheet
675Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
750319035 WURTH-750319035 Datasheet
678Kb / 7P
   WE-PoE Power over Ethernet Transformer
002.001
7491192912 WURTH-7491192912 Datasheet
147Kb / 3P
   POWER OVER ETHERNET-TRANSFORMER WE-PoE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com