Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK325BJ106MM-T Datasheet(PDF) 5 Page - STMicroelectronics

Part # UMK325BJ106MM-T
Description  3 A step-down switching regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UMK325BJ106MM-T Datasheet(HTML) 5 Page - STMicroelectronics

  UMK325BJ106MM-T Datasheet HTML 1Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 2Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 3Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 4Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 5Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 6Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 7Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 8Page - STMicroelectronics UMK325BJ106MM-T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
L7986TA
Maximum ratings
Doc ID 022098 Rev 3
5/43
2
Maximum ratings
3
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vcc
Input voltage
45
V
OUT
Output DC voltage
-0.3 to VCC
FSW, COMP, SYNCH
Analog pin
-0.3 to 4
EN
Enable pin
-0.3 to VCC
FB
Feedback voltage
-0.3 to 1.5
PTOT
Power dissipation
at TA < 60 °C
HSOP
2
W
TJ
Junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Maximum thermal resistance
junction-ambient (1)
1.
Package mounted on demonstration board.
HSOP8
40
°C/W


Similar Part No. - UMK325BJ106MM-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
UMK325BJ106MM-T NSC-UMK325BJ106MM-T Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
logo
Texas Instruments
UMK325BJ106MM-T TI1-UMK325BJ106MM-T Datasheet
332Kb / 14P
[Old version datasheet]   ISO5500EVM
logo
Taiyo Yuden (U.S.A.), I...
UMK325BJ106MM-T TAIYO-YUDEN-UMK325BJ106MM-T Datasheet
301Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
logo
STMicroelectronics
UMK325BJ106MM-T STMICROELECTRONICS-UMK325BJ106MM-T Datasheet
17Mb / 68P
   38 V, 2 A synchronous step-down switching regulator with 30 關A quiescent current
Rev 2 - February 2020
More results

Similar Description - UMK325BJ106MM-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
   3 A step-down switching regulator
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
   3 A step-down monolithic switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com