Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOX-1-161503M Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # MOX-1-161503M
Description  Precision Thick Film Axial Terminal High Voltage/High Resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MOX-1-161503M Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  MOX-1-161503M Datasheet HTML 1Page - Ohmite Mfg. Co. MOX-1-161503M Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
79
M O X - 1 N - 1 3 1 0 0 6 F E
Maxi Mox
Series
Non-inductive
optional
Terminal
1 = 0.032"
Style
1,2,3,4,5,8
Tolerance
D = 0.5%
F = 1%
G = 2%
J = 5%
K = 10%
M = 15%
P = 20%
Coating
2 = Black silicone
3 = Epoxy
6 = No coating
Ohms
First 3 digits are
significant; 4th digit is
multiplier (# of zeroes
to follow). Examples:
1000 =
100
1503 =
150,000
5005 = 50,000,000
RoHS Compliant
A
B
1.5" typ.
lead dia.
0.032" typ.
ordering in F or M ation
per F or M ance data
Characteristic
Test Method
Specification
Humidity
MIL-STD-202, Method 103B, Condition B
±0.25%
Dielectric Withstanding Voltage MIL-STD-202, Method 301, 750V
±0.25%
Insulation Resistance
MIL-STD-202, Method 302, Condition A or B
>10,000 M or greater dry
Thermal Shock
MIL-STD-202, Method 107G, Condition B, B-1, or F ±0.20%
Load Life
MIL-STD-202, Method 108A, Condition D
±1.0%
Resistance to Solvents
MIL-STD-202, Method 215G
Acceptable for High Reliability Series only
Terminal Strength
MIL-STD-202, Method 211A, Condition A or B
±0.25%
Shock (Specified Pulse)
MIL-STD-202, Method 213B, Condition I
±0.25%
Vibration High Frequency
MIL-STD-202, Method 204D, Condition D
±0.20%
Power Conditioning
MIL-R-49462A, Par 4.8
±0.50%
Solderability
MIL-STD-202, Method 208F
>95% Coverage
di M ensions
te M p. and V oltage coe FF icients o F resistance
Temp. Coeff. of Resistance*
Voltage Coeff. of Resistance**
Resistor Series
25 PPM/°C
50 PPM/°C
100 PPM/°C
< 2PPM/Volt
< 5PPM/Volt
MOX-1
1K-99M
100M-450M
451M-30,000M
250
Ω-1,000M
1,001M-100,000M
MOX-2
1K-199M
200M-1,000M
1,001M-60,000M
500
Ω-2,600M
2,601M-200,000M
MOX-3
1K-299M
300M-1,500M
1,501M-90,000M
750
Ω-4,000M
4,001M-300,000M
MOX-4
1K-399M
400M-2,000M
2,001M-120,000M
1K-5,300M
5,301M-400,000M
MOX-5
1K-499M
500M-2,500M
2,501M-150,000M
1.25K-6,700M
6,701M-500,000M
*TCRof25ppmfortemperaturerangeof0°C-85°C.TCRof50ppmand100ppmfor-55°Cto125°C.ConsultfactoryforTCRvaluesoperatinghigherthan125°C
**FortighterVCspleasecontactOhmite.
Notalltolerances
available in
all values.
Maxi-Mox
Precision Thick Film Axial Terminal
High Voltage/High Resistance
Ohmite
A max.
B max.
Series
Power
(in/mm)
(in/mm)
• High-temperature (silicone coated)
MOX-1-12
2.5W
1.120” / 28.45
0.310” / 7.87
MOX-2-12
5.0W
2.120” / 53.85
0.310” / 7.87
MOX-3-12
7.5W
3.120” / 79.24
0.310” / 7.87
MOX-4-12
10.0W
4.120” / 104.65
0.310” / 7.87
MOX-5-12
12.5W
5.120” / 130.05
0.310” / 7.87
• Standard (epoxy coated)
MOX-1-13
2.0W
1.140” / 28.96
0.345” / 8.76
MOX-2-13
3.0W
2.140” / 54.36
0.345” / 8.76
MOX-3-13
4.0W
3.140” / 79.76
0.345” / 8.76
MOX-4-13
5.0W
4.140” / 105.16
0.345” / 8.76
MOX-5-13
6.0W
5.140” / 130.56
0.345” / 8.76
THICK FILM
AXIAL


Similar Part No. - MOX-1-161503M

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-1-161006DE OHMITE-MOX-1-161006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006FE OHMITE-MOX-1-161006FE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006GE OHMITE-MOX-1-161006GE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006JE OHMITE-MOX-1-161006JE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-161006KE OHMITE-MOX-1-161006KE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
More results

Similar Description - MOX-1-161503M

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MOX-750231005FE OHMITE-MOX-750231005FE Datasheet
213Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-121006DE OHMITE-MOX-1-121006DE Datasheet
186Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1N-131006FE OHMITE-MOX-1N-131006FE Datasheet
157Kb / 2P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX200021006DE OHMITE-MOX200021006DE Datasheet
173Kb / 1P
   Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-1-12 OHMITE-MOX-1-12 Datasheet
293Kb / 2P
   Precision Thick Film Axial Terminal High Voltage
MOX-200001003BER OHMITE-MOX-200001003BER Datasheet
170Kb / 1P
   0.25 Watt and 0.5 Watt Precision Thick Film Axial Terminal High Voltage/High Resistance
MOX-F-011006DE OHMITE-MOX-F-011006DE Datasheet
147Kb / 1P
   Precision Power Thick Film High Voltage/High Resistance Tubular
MC102821001JE OHMITE-MC102821001JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC101 OHMITE-MC101 Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
logo
Stackpole Electronics, ...
HGC SEI-HGC Datasheet
239Kb / 4P
   Thick Film Precision High Resistance Chip Resistor
11/18/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com