Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF610-613 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # IRF610-613
Description  N-Channel Power MOSFETs, 3.5A, 150-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF610-613 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  IRF610-613 Datasheet HTML 1Page - Fairchild Semiconductor IRF610-613 Datasheet HTML 2Page - Fairchild Semiconductor IRF610-613 Datasheet HTML 3Page - Fairchild Semiconductor IRF610-613 Datasheet HTML 4Page - Fairchild Semiconductor IRF610-613 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


Similar Part No. - IRF610-613

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
   3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Vishay Siliconix
IRF610 VISHAY-IRF610 Datasheet
594Kb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
logo
New Jersey Semi-Conduct...
IRF610 NJSEMI-IRF610 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
IRF610 NJSEMI-IRF610 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
logo
Inchange Semiconductor ...
IRF610 ISC-IRF610 Datasheet
45Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRF610-613

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Bruckewell Technology L...
MSL03N20 BWTECH-MSL03N20 Datasheet
584Kb / 6P
   200V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK03N20T FS-FTK03N20T Datasheet
917Kb / 5P
   200V N-Channel MOSFETs
logo
Fairchild Semiconductor
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
   N-Channel Power MOSFETs, 30A, 150V/200V
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
Unisonic Technologies
UF630 UTC-UF630 Datasheet
167Kb / 8P
   9A, 200V, 0.4??, N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF630N FAIRCHILD-IRF630N Datasheet
209Kb / 11P
   N-Channel Power MOSFETs 200V, 9.3A, 0.30?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com