Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS874001AGI-05LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS874001AGI-05LF
Description  PCI Express??Jitter Attenuator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874001AGI-05LF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS874001AGI-05LF Datasheet HTML 1Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 2Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 3Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 4Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 5Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 6Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 7Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 8Page - Integrated Device Technology ICS874001AGI-05LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
ICS874001AGI-05 REVISION A JANUARY 14, 2011
1
©2011 Integrated Device Technology, Inc.
PCI Express™ Jitter Attenuator
ICS874001I-05
General Description
The ICS874001I-05 is a high performance Jitter Attenuator designed
for use in PCI Express™ systems. In some PCI Express systems,
such as those found in desktop PCs, the PCI Express clocks are
generated from a low bandwidth, high phase noise PLL frequency
synthesizer. In these systems, a jitter attenuator may be required to
attenuate high frequency random and deterministic jitter
components from the PLL synthesizer and from the system board.
The ICS874001I-05 has a bandwidth of 6MHz with <1dB peaking,
easily meeting PCI Express Gen2 PLL requirements.
The ICS874001I-05 uses IDT’s 3RD Generation FemtoClock®
PLL technology to achieve the lowest possible phase noise. The
device is packaged in a small 20-pin TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.
Features
One differential LVDS output pair
One differential clock input
CLK, nCLK supports the following input levels: LVPECL, LVDS,
LVHSTL, SSTL, HCSL
Input frequency range: 98MHz to 128MHz
Output frequency range: 98MHz to 640MHz
VCO range: 490MHz - 640MHz
Cycle-to-cycle jitter: 50ps (maximum)
Full 3.3V operating supply
PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL0
VDDA
F_SEL1
nc
MR
nc
nc
nc
PLL_SEL
VDD
nc
VDDO
Q
nQ
nc
nc
GND
nCLK
CLK
OE
Pin Assignment
Phase
Detector
VCO
490 - 640MHz
Output Divider
0 0 ÷5
0 1 ÷4
1 0 ÷2 (default)
1 1 ÷1
÷5
0
1
Internal Feedback
Q
nQ
PLL_SEL
CLK
nCLK
MR
F_SEL[1:0]
OE
Pulldown
Pullup/Pulldown
Pullup
Pullup
Pullup
Pulldown
2
ICS874001I-05
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm
package body
G Package
Top View
Block Diagram


Similar Part No. - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
   PCI Express™ Jitter Attenuator
JANUARY 14, 2011
More results

Similar Description - ICS874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com