Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71256SA20TPG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71256SA20TPG
Description  CMOS Static RAM 256K (32K x 8-Bit)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71256SA20TPG Datasheet(HTML) 5 Page - Integrated Device Technology

  71256SA20TPG Datasheet HTML 1Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 2Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 3Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 4Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 5Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 6Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 7Page - Integrated Device Technology 71256SA20TPG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6.42
IDT71256SA
CMOS Static RAM 256K (32K x 8-Bit)
Commercial and Industrial Temperature Ranges
5
Timing Waveform of Read Cycle No. 1(1)
ADDRESS
OE
CS
DATAOUT
VCC SUPPLY
CURRENT
2948 drw 05
(5)
(5)
(5)
(5)
DATA
VALID
HIGH IMPEDANCE
tAA
tRC
tOE
tACS
tOLZ
tCHZ
tCLZ
(3)
tOHZ
OUT
tPU
tPD
ICC
ISB
,
Timing Waveform of Read Cycle No. 2(1,2,4)
NOTES:
1. WE is HIGH for Read Cycle.
2. Device is continuously selected, CS is LOW.
3. Address must be valid prior to or coincident with the later of CS transition LOW; otherwise tAA is the limiting parameter.
4. OE is LOW.
5. Transition is measured ±200mV from steady state.
DATAOUT
ADDRESS
2948 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
,


Similar Part No. - 71256SA20TPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71256SA20TPG RENESAS-71256SA20TPG Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
71256SA20TPGI RENESAS-71256SA20TPGI Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
More results

Similar Description - 71256SA20TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com