Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V28L20PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V28L20PFGI
Description  HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V28L20PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  70V28L20PFGI Datasheet HTML 1Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 2Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 3Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 4Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 5Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 6Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 7Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 8Page - Integrated Device Technology 70V28L20PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
IDT70V28L
High-Speed 3.3V 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage
Pin Names
Capacitance(1) (TA = +25°C, f = 1.0MHz)
NOTES:
1. This parameter is determined by device characterization but is not produc-
tion tested.
2. 3dV represents the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
NOTES:
1.
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2.
VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 0.3V.
NOTES:
1.
VIL > -1.5V for pulse width less than 10ns.
2.
VTERM must not exceed Vcc + 0.3V.
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output Current
50
mA
4849 tbl 02
Grade
Ambient
Temperature(1)
GND
Vcc
Commercial
0OC to +70OC0V
3.3V
+ 0.3V
Industrial
-40OC to +85OC0V
3.3V
+ 0.3V
4849 tbl 03
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
4849 tbl 05
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A15L
A0R - A15R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
4849 tbl 01
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
V IH
Input High Voltage
2.0
____
VCC+0.3(2)
V
V IL
Input Low Voltage
-0.3
(1)
____
0.8
V
4849 tbl 04


Similar Part No. - 70V28L20PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V28L20PFGI IDT-70V28L20PFGI Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
70V28L20PFGI IDT-70V28L20PFGI Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V28L20PFGI RENESAS-70V28L20PFGI Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
70V28L20PFGI8 IDT-70V28L20PFGI8 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
70V28L20PFGI8 IDT-70V28L20PFGI8 Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 70V28L20PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_08 Datasheet
150Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM High-speed access
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com