Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99MC6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99MC6
Description  Configurable 6-channel device
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 6Page - STMicroelectronics L99MC6 Datasheet HTML 7Page - STMicroelectronics L99MC6 Datasheet HTML 8Page - STMicroelectronics L99MC6 Datasheet HTML 9Page - STMicroelectronics L99MC6 Datasheet HTML 10Page - STMicroelectronics L99MC6 Datasheet HTML 11Page - STMicroelectronics L99MC6 Datasheet HTML 12Page - STMicroelectronics L99MC6 Datasheet HTML 13Page - STMicroelectronics L99MC6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Introduction
L99MC6
10/55
Doc ID 16523 Rev 1
Table 2.
Pin functions
Pin
Symbol
Function
1 / TAB
GND
Ground:
Reference potential
6IN/PWM
IN/PWM direct mode:
Direct input for channel 2. Other channels can be driven in PWM mode via SPI.
8VCC
Logic voltage supply 3.3 V/5 V:
For this input a ceramic capacitor as close as possible to GND is recommended
3
SRC1
Source of configurable channel 1
4
DRN1
Drain of self configurable channel 1, in HS mode also VS supply
5
DRN2
Drain of self configurable channel 2
15
SRC2
Source of self configurable channel 2
12
DRN3
Drain of self configurable channel 3
13
SRC3
Source of self configurable channel 3
2
DRN4
Drain of channel 4
16
DRN5
Drain of channel 5
14
DRN6
Drain of channel 6
11
DI
SPI data in:
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 16-bit control word and the most significant bit
(MSB, bit 7) is transferred first.
9DO
SPI data out:
The diagnosis data is available via the SPI and this tristate-output. The output
remains in tristate, if the chip is not selected by the input CSN (CSN = high).
7CSN
SPI chip select not (active low):
This input is low active and requires CMOS logic levels. The serial data transfer
between the L99MC6 and microcontroller is enabled by pulling the input CSN to
low-level.
10
SCK
SPI serial clock input:
This input controls the internal shift register of the SPI and requires CMOS logic
levels.


Similar Part No. - L99MC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MC6 STMICROELECTRONICS-L99MC6 Datasheet
1Mb / 22P
   for car body applications
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
   Automotive configurable 6-channel device
November 2016 Rev 3
More results

Similar Description - L99MC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99MC6GJ STMICROELECTRONICS-L99MC6GJ Datasheet
1Mb / 55P
   Automotive configurable 6-channel device
November 2016 Rev 3
logo
Maxim Integrated Produc...
MAX5392EVMINIQU MAXIM-MAX5392EVMINIQU Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
logo
Cypress Semiconductor
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
logo
Maxim Integrated Produc...
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
   256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Texas Instruments
PT6620 TI1-PT6620_14 Datasheet
517Kb / 19P
[Old version datasheet]   Single Device: 6-A Output
logo
TDK Electronics
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
   6-Axis MEMS MotionTracking Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com