Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1005X5R1A105K Datasheet(PDF) 3 Page - Texas Instruments

Part # C1005X5R1A105K
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C1005X5R1A105K Datasheet(HTML) 3 Page - Texas Instruments

  C1005X5R1A105K Datasheet HTML 1Page - Texas Instruments C1005X5R1A105K Datasheet HTML 2Page - Texas Instruments C1005X5R1A105K Datasheet HTML 3Page - Texas Instruments C1005X5R1A105K Datasheet HTML 4Page - Texas Instruments C1005X5R1A105K Datasheet HTML 5Page - Texas Instruments C1005X5R1A105K Datasheet HTML 6Page - Texas Instruments C1005X5R1A105K Datasheet HTML 7Page - Texas Instruments C1005X5R1A105K Datasheet HTML 8Page - Texas Instruments C1005X5R1A105K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Headphones
3.5-mm Plug
USB Micro-
Controller
www.ti.com
EVM Setup and Software Installation
2
EVM Setup and Software Installation
This section describes the EVM setup and software installation.
2.1
EVM Setup
Figure 3. General Connection Picture
The following are the basic hardware for the initial EVM power up:
Desktop or laptop PC running either Windows® XP or Windows 7
Headphones set with 3.5-mm plug
USB micro type B cable
When the USB cable is plugged in from the PC to the EVM, 3.3-V LED (green) and USB Lock LED (blue)
are illuminated. These indicators show that the EVM is working correctly.
3
SLOU351B – October 2012 – Revised August 2013
TAS5548-5558EVM
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
680Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
August, 2012 ??Rev. 1
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
logo
TDK Electronics
C1005X5R1A105K TDK-C1005X5R1A105K Datasheet
9Mb / 64P
   TDK MLCC PRODUCT LINE
C1005X5R1A105K TDK-C1005X5R1A105K Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
ON Semiconductor
C1005X5R1A105K ONSEMI-C1005X5R1A105K Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
More results

Similar Description - C1005X5R1A105K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
   Easy Evaluation of the MAX33071E
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com