Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF742 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRF742
Description  N-Channel Power MOSFETs, 10A, 350V/400V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF742 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRF742 Datasheet HTML 1Page - Fairchild Semiconductor IRF742 Datasheet HTML 2Page - Fairchild Semiconductor IRF742 Datasheet HTML 3Page - Fairchild Semiconductor IRF742 Datasheet HTML 4Page - Fairchild Semiconductor IRF742 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - IRF742

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF742 ISC-IRF742 Datasheet
65Kb / 2P
   isc N-Channel Mosfet Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF742 ARTSCHIP-IRF742 Datasheet
345Kb / 5P
   N-Channel Power MOSFETs
logo
International Rectifier
IRF7420 IRF-IRF7420 Datasheet
110Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF IRF-IRF7420PBF Datasheet
173Kb / 9P
   HEXFET Power MOSFET
IRF7420PBF IRF-IRF7420PBF Datasheet
159Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRF742

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com