Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI504-EVB Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI504-EVB
Description  USB plug-in board that allows for evaluation of the Si50x family of CMEMS oscillators.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI504-EVB Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI504-EVB Datasheet HTML 5Page - Silicon Laboratories SI504-EVB Datasheet HTML 6Page - Silicon Laboratories SI504-EVB Datasheet HTML 7Page - Silicon Laboratories SI504-EVB Datasheet HTML 8Page - Silicon Laboratories SI504-EVB Datasheet HTML 9Page - Silicon Laboratories SI504-EVB Datasheet HTML 10Page - Silicon Laboratories SI504-EVB Datasheet HTML 11Page - Silicon Laboratories SI504-EVB Datasheet HTML 12Page - Silicon Laboratories SI504-EVB Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Si501/2/3/4-EVB
Rev. 0.1
9
2. MCU
The Silicon Laboratories MCU, P/N C8051F380, is mounted on the back side of the board at U6. The MCU
provides the following functions:
Supports USB communication to host PC
Supports single-wire communication (C1) to the DUT on behalf of the host PC per the EVB GUI Software
Supplies 3.3 V to peripheral ICs (the serial number generator and the C1 voltage level shifter)
3. Power Supply
The Si501/2/3/4-EVB can be powered from USB or from an external voltage supply. This is to support temperature
testing without a USB connection. The power supply consists of a Maxim MAX8869 adjustable voltage regulator
that steps down the USB +5 V or an external +5V power supply to one of a selectable 1.8, 2.5, or 3.3 V. VDD
selection is made via jumper P2. The supply voltage for all the device sites, both Si504 and eval sites, can be
adjusted to one of three settings: 3.3 V, 2.5gV, or 1.8 V by jumper P2. (Note that all four locations share the same
supply voltage, so any supply voltage change will affect all devices at sites U1, U2, U3, and U4.) The default
setting, connecting pins 2 and 3 as shown above, is 3.3 V. Moving the jumper to connect pins 1 and 2 results in
2.5 V. Removing the jumper altogether will result in 1.8 V supply voltage. The voltage regulator may be bypassed
by connecting VDD directly to the VDD P1 connection point.
4. LEDs
Two green indicator LEDs are driven by the on-board MCU. A "Ready" LED (D1) is illuminated to indicate the EVB
is recognized by the EVB GUI software and ready for use. A "USB" LED (D2) is illuminated whenever USB
communications are actively in progress.


Similar Part No. - SI504-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
List of Unclassifed Man...
SI5040 ETC2-SI5040 Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
SI5040-D-GM ETC2-SI5040-D-GM Datasheet
138Kb / 2P
   10 Gbps XFP Transceiver
logo
Silicon Laboratories
SI5040-EVB SILABS-SI5040-EVB Datasheet
1Mb / 24P
   Four selectable on-chip reference frequencies
More results

Similar Description - SI504-EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Cirrus Logic
CDB4334 CIRRUS-CDB4334 Datasheet
632Kb / 14P
   Evaluation Board for CS4334/8/9 Family of Products
logo
ON Semiconductor
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
AM305212R1DBGEVB ONSEMI-AM305212R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305212R1DBGEVB Evaluation Board
logo
National Semiconductor ...
LMH6517EVAL-R1 NSC-LMH6517EVAL-R1 Datasheet
3Mb / 10P
   Evaluation Board is designed to aid in the characterization of National
logo
Aries Electronics, Inc.
XX-666000-00 ARIES-XX-666000-00 Datasheet
501Kb / 1P
   Allows the use of a narrow package IC in place of a wide one
logo
Maxim Integrated Produc...
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com