Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5544MV-75.0M-T500 Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5544MV-75.0M-T500
Description  SM55M Series 3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544MV-75.0M-T500 Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5544MV-75.0M-T500 Datasheet HTML 1Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 2Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 3Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 4Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 5Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 6Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 7Page - Pletronics, Inc. SM5544MV-75.0M-T500 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55M Series 3.3 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.5
5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.5
3
nS
> 35 MHz and < 70 MHz
1
2
nS
> 70 MHz
4
8
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
35
nS
> 35 MHz and < 70 MHz
23
nS
> 70 MHz
V
CC Supply Current (ICC)2
4
mA
< 8 MHz
C
LOAD = 15 pF
35
mA
> 8 MHz and < 16 MHz
46
mA
> 16 MHz and < 35 MHz
12
18
mA
> 35 MHz and < 70 MHz
23
36
mA
> 70 MHz and <120 MHz
45
70
mA
> 120 MHz
3
5
mA
< 8 MHz
C
LOAD = 30 pF
46
mA
> 8 MHz and < 16 MHz
68
mA
> 16 MHz and < 35 MHz
16
22
mA
> 35 MHz and < 70 MHz
30
43
mA
> 70 MHz and <120 MHz
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM5544MV-75.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5544MV PLETRONICS-SM5544MV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results

Similar Description - SM5544MV-75.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545MX-750M-T250 PLETRONICS-SM5545MX-750M-T250 Datasheet
111Kb / 8P
   SM55M Series 1.8 V CMOS Clock Oscillators
SM5545MW-750M-T250 PLETRONICS-SM5545MW-750M-T250 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com