Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF642 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # IRF642
Description  N-Channel Power MOSFETs, 18A, 150-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF642 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  IRF642 Datasheet HTML 1Page - Fairchild Semiconductor IRF642 Datasheet HTML 2Page - Fairchild Semiconductor IRF642 Datasheet HTML 3Page - Fairchild Semiconductor IRF642 Datasheet HTML 4Page - Fairchild Semiconductor IRF642 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - IRF642

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF642 ISC-IRF642 Datasheet
44Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
IRF642 ETC2-IRF642 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - IRF642

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QNK SHINDENGEN-P18LF6QNK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
   18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P18LF6QLK SHINDENGEN-P18LF6QLK Datasheet
470Kb / 4P
   Power MOSFETs 60V, 18A, N-channel
P18LA12SL SHINDENGEN-P18LA12SL Datasheet
1Mb / 7P
   Power MOSFETs 120V, 18A, N-channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com