Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5545JV-75.0M-T250 Datasheet(PDF) 8 Page - Pletronics, Inc.

Part # SM5545JV-75.0M-T250
Description  SM55J Series 3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5545JV-75.0M-T250 Datasheet(HTML) 8 Page - Pletronics, Inc.

  SM5545JV-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5545JV-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SM55J Series 3.3 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
8
IM PORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to m ake corrections, im provem ents, m odifications and
other changes to this product at anytim e. PLE reserves the right to discontinue any product or service
without notice. Custom ers are responsible for obtaining the latest relevant inform ation before placing
orders and should verify that such inform ation is current and com plete. All products are sold subject to
PLE’s term s and conditions of sale supplied at the tim e of order acknowledgm ent.
PLE warrants perform ance of this product to the specifications applicable at the tim e of sale in accordance
with PLE’s lim ited warranty. Testing and other quality control techniques are used to the extent PLE
deem s necessary to support this warranty. Except where m andated by specific contractual docum ents,
testing of all param eters of each product is not necessarily perform ed.
PLE assum es no liability for application assistance or custom er product design. Custom ers are
responsible for their products and applications using PLE com ponents. To m inim ize the risks associated
with the custom er products and applications, custom ers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or system s or other critical applications that m ay involve potential risks of death,
personal injury or severe property or environm ental dam age. Inclusion of PLE products in such
applications is understood to be fully at the risk of the custom er. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or im plied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any com bination, m achine or
process which PLE product or services are used. Inform ation published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a
warranty or endorsem ent thereof. Use of such inform ation m ay require a license from a third party under
the patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of inform ation in PLE data sheets or web site is perm issible only if the reproduction is
without alteration and is accom panied by associated warranties, conditions, lim itations and notices.
Reproduction of this inform ation with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered docum ents.
Resale of PLE products or services with statem ents different from or beyond the param eters stated by
PLE for that product or service voids all express and im plied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statem ents.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36 Ave. W est
Fax: 425-776-2760
th
Lynnwood, W A 98036-5761
USA
E-m ail: ple-sales@ pletronics.com
URL: www.pletronics.com
Copyright © 2010, Pletronics Inc.


Similar Part No. - SM5545JV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JV-75.0M-T250 PLETRONICS-SM5545JV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-75.0M-T250 PLETRONICS-SM5545JV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5545JV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JW-750M-T250 PLETRONICS-SM5545JW-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 2.5 V CMOS Clock Oscillators
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com