Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6X5DYM12CC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCIMX6X5DYM12CC
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX6X5DYM12CC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCIMX6X5DYM12CC Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX6X5DYM12CC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 165 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3
4
Freescale Semiconductor
Introduction
Figure 1. Part Number Nomenclature—i.MX 6Quad and i.MX 6Dual
1.2
Features
The i.MX 6Dual/6Quad processors are based on ARM Cortex-A9 MPCore™ Platform, which has the
following features:
ARM Cortex-A9 MPCore 4xCPU Processor (with TrustZone)
The core configuration is symmetric, where each core includes:
— 32 KByte L1 Instruction Cache
— 32 KByte L1 Data Cache
— Private Timer and Watchdog
— Cortex-A9 NEON MPE (Media Processing Engine) Co-processor
The ARM Cortex-A9 MPCore complex includes:
General Interrupt Controller (GIC) with 128 interrupt support
Global Timer
Snoop Control Unit (SCU)
1 MB unified I/D L2 cache, shared by two/four cores
Two Master AXI (64-bit) bus interfaces output of L2 cache
Part differentiator
@
Industrial with VPU, GPU, no MLB
7
Automotive with VPU, GPU
6
Consumer, with VPU, GPU
5
Automotive with GPU, no VPU
4
Automotive, no VPU, no GPU
1
Temperature Tj
+
Commercial: 0 to + 95CD
Extended commercial: -20 to + 105CE
Industrial: -40 to +105CC
Automotive: -40 to + 125CA
Frequency
$$
800 MHz2 (Industrial grade)
08
850 MHz (Automotive grade)
08
1 GHz3
10
1.2 GHz
12
Package type
RoHS
FCPBGA 21x21 0.8mm (lidded)
VT
FCPBGA 21x21 0.8mm (non lidded)
YM
Qualification level
MC
Prototype Samples
PC
Mass Production
MC
Special
SC
Part # series
X
i.MX 6Quad
Q
i.MX 6Dual
D
Silicon revision1
A
Rev 1.2
C
Fusing
%
Real Codec off and no HDCP or DTCP
A
Real Codec off with HDCP on
C
MC 
IMX6
X
@
+
VV
$$
%
A
1. See the freescale.com\imx6series Web page for latest information on the available silicon revision.
2. If a 24 MHz input  clock is used (required  for USB), the maximum SoC speed is limited to 792 MHz.
3. If a 24 MHz input  clock is used (required  for USB), the maximum SoC speed is limited to 996 MHz.


Similar Part No. - MCIMX6X5DYM12CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
MCIMX6X1AVK08AB NXP-MCIMX6X1AVK08AB Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
MCIMX6X1AVK08AC NXP-MCIMX6X1AVK08AC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX6X1AVK08AC NXP-MCIMX6X1AVK08AC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results

Similar Description - MCIMX6X5DYM12CC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
   i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
   i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
   i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com