Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5824 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5824
Description  Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5824 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5824 Datasheet HTML 7Page - Maxim Integrated Products MAX5824 Datasheet HTML 8Page - Maxim Integrated Products MAX5824 Datasheet HTML 9Page - Maxim Integrated Products MAX5824 Datasheet HTML 10Page - Maxim Integrated Products MAX5824 Datasheet HTML 11Page - Maxim Integrated Products MAX5824 Datasheet HTML 12Page - Maxim Integrated Products MAX5824 Datasheet HTML 13Page - Maxim Integrated Products MAX5824 Datasheet HTML 14Page - Maxim Integrated Products MAX5824 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MAX5823/MAX5824/MAX5825
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
11
Maxim Integrated
Typical Operating Characteristics (continued)
(MAX5825, 12-bit performance, TA = +25°C, unless otherwise noted.)
CHANNEL-TO-CHANNEL FEEDTHROUGH
(VDD = VREF = 5V, TA = +25NC,
RL = 2kI, CL = 200pF)
MAX5823 toc24
4µs/div
VOUT0
5V/div
LOADED
VOUT4
0.585 LSB/div
NO LOAD
TRANSITIONING DAC: 0 TO FULL SCALE
STATIC DAC: MIDSCALE
ANALOG CROSSTALK = 4.07nV*s
MAX5823 toc25
VOUT0
5V/div
LOADED
VOUT4
0.585 LSB/div
NO LOAD
4µs/div
CHANNEL-TO-CHANNEL FEEDTHROUGH
(VDD = 5V, VREF = 4.096V (INTERNAL),
TA = +25NC, RL = 2kI, CL = 200pF)
TRANSITIONING DAC: 0 TO FULL SCALE
STATIC DAC: MIDSCALE
ANALOG CROSSTALK = 3.3nV*S
MAX5823 toc26
20ns/div
DIGITAL FEEDTHROUGH
(VDD = VREF = 5V, RL = 10kI)
VOUT_
2mV/div
DIGITAL CROSSTALK = 0.2nV*s
STATIC DAC MIDSCALE
OUTPUT LOAD REGULATION
IOUT (mA)
50
40
20 30
-10
0
10
-20
-8
-6
-4
-2
0
2
4
6
8
10
-10
-30
60
VDD = VREF
VDD = 5V
VDD = 3V
OUTPUT CURRENT LIMITING
IOUT (mA)
60
50
30 40
-10 0 10 20
-20
-400
-300
-200
-100
0
100
200
300
400
500
-500
-30
70
VDD = VREF
VDD = 5V
VDD = 3V
HEADROOM AT RAILS
vs. OUTPUT CURRENT (VDD = VREF)
IOUT (mA)
9
8
6
7
2
3
4
5
1
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0
010
VDD = 5V, SOURCING
VDD = 3V, SOURCING
VDD = 3V AND 5V
SINKING
DAC = ZERO SCALE
DAC = FULL SCALE
NOISE-VOLTAGE DENSITY vs. FREQUENCY
(DAC AT MIDSCALE)
FREQUENCY (Hz)
10k
1k
50
100
150
200
250
300
350
0
100
100k
VDD = 5V, VREF = 2.5V
INTERNAL
VDD = 5V, VREF = 2.048V
INTERNAL
VDD = 5V, VREF = 3.5V
(EXTERNAL)
VDD = 5V, VREF = 4.096V
INTERNAL


Similar Part No. - MAX5824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5824 MAXIM-MAX5824 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5824 MAXIM-MAX5824 Datasheet
7Mb / 18P
   MAX5825A Evaluation Kit
Rev 0; 5/12
MAX5824AUP++ MAXIM-MAX5824AUP+ Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
More results

Similar Description - MAX5824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com