Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF420-423 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # IRF420-423
Description  N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF420-423 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRF420-423 Datasheet HTML 1Page - Fairchild Semiconductor IRF420-423 Datasheet HTML 2Page - Fairchild Semiconductor IRF420-423 Datasheet HTML 3Page - Fairchild Semiconductor IRF420-423 Datasheet HTML 4Page - Fairchild Semiconductor IRF420-423 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - IRF420-423

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF420 SAMSUNG-IRF420 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF420 ISC-IRF420 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF420 ARTSCHIP-IRF420 Datasheet
381Kb / 5P
   N-Channel Power MOSFETs
More results

Similar Description - IRF420-423

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
   N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Fairchild Semiconductor
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
IRF320-323 FAIRCHILD-IRF320-323 Datasheet
164Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 350-400 V
logo
Vishay Siliconix
VN50300L VISHAY-VN50300L Datasheet
40Kb / 4P
   N-Channel 500-V (D-S) MOSFETs
Rev. D, 16-Jul-01
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
   N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
New Jersey Semi-Conduct...
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
   N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Fairchild Semiconductor
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
FMP20N05 FAIRCHILD-FMP20N05 Datasheet
126Kb / 4P
   N-Channel Power MOSFETs, 18-20 A, 50 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com