Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7355 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV7355
Description  Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7355 Datasheet(HTML) 4 Page - Supertex, Inc

  HV7355 Datasheet HTML 1Page - Supertex, Inc HV7355 Datasheet HTML 2Page - Supertex, Inc HV7355 Datasheet HTML 3Page - Supertex, Inc HV7355 Datasheet HTML 4Page - Supertex, Inc HV7355 Datasheet HTML 5Page - Supertex, Inc HV7355 Datasheet HTML 6Page - Supertex, Inc HV7355 Datasheet HTML 7Page - Supertex, Inc HV7355 Datasheet HTML 8Page - Supertex, Inc HV7355 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV7355
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7355
D070813
Electrical Characteristics
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VADD = VDD = +5.0V, VSS = -5.0V ,VPP = +150V, TA = 25°C)
P-Channel MOSFET Output, TX0~7
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
1.4
1.6
-
A
MC = 1
R
ON
Channel resistance
-
8.0
-
Ω
100mA
I
OUT
Output saturation current
0.5
-
-
A
MC = 0
R
ON
Channel resistance
-
18
-
Ω
100mA
N-Channel MOSFET Output, TX0~7
Sym
Parameter
Min
Typ
Max
Units Conditions
I
OUT
Output saturation current
1.5
1.7
-
A
MC = 1
R
ON
Channel resistance
-
3.0
-
Ω
I
SD = 100mA
I
OUT
Output saturation current
0.5
-
-
A
MC = 0
R
ON
Channel resistance
-
22
-
Ω
100mA
AC Electrical Characteristics
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VADD = VDD = +5.0V, VSS = -5.0V ,VPP = +150V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
t
inrf
Input data rise/fall max time
-
-
10
ns
---
t
r
Output rise time
-
24
-
ns
330pF//2.5kΩ load
see timing test diagram
t
f
Output fall time
-
24
-
ns
f
OUT
Output frequency range
-
-
18
MHz 100Ω resistor load, V
PP = +90V
t
EN-ON
Initial enable time
-
150
200
μs
2μF on each CPF pin
to 90% of V
CPF
t
EN-OFF
Output disable time
-
2.0
5.0
μs
at 5.0MHz CW
t
dr
Delay time on inputs rise
-
5.0
-
ns
V
PP = 25V
1.0Ω resistor load, 50% to 50%
see timing test diagram
t
df
Delay time on inputs fall
-
5.0
-
ns
t
dm
Delay on mode change
-
50
70
ns
Δt
DELAY
Delay time matching
-
± 2.0
-
ns
P to N, channel to channel
t
j
Delay jitter on rise or fall
-
15
-
ps
---
Serial Data Interface Timing Characteristics
(Operating conditions, unless otherwise specified, V
LL = +3.3V, VADD = VDD = +5.0V, VSS = -5.0V ,VPP = +150V, TA = 25°C)
Sym
Parameter
Min
Typ
Max
Units Conditions
f
SCK
Serial clock max. frequency
25
-
-
MHz
All from/to 50% rise or fall edges
(See timing diagram)
t
1
SDI valid to SCK setup time
0
2.0
-
ns
t
2
SDI valid to SCK hold time
4.0
-
-
ns
t
3
SCK high time
9.0
-
-
ns
t
4
SCK low time
9.0
-
-
ns
t
5
CS pulse width
9.0
-
-
ns
t
6
SCK high to CS high
7.0
-
-
ns
t
7
CS low to SCK high
7.0
-
-
ns
t
8
SDO delay from SCK rise edge
-
6.5
-
ns
SDO with 100pF to GND
t
9
CS high to SCK rise edge
7.0
-
-
ns
All from/to 50% rise or fall edges
(See timing diagram)
t
10
SCK high to LE low
7.0
-
-
ns


Similar Part No. - HV7355

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7355K6-G SUTEX-HV7355K6-G Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355K6-GM937 SUTEX-HV7355K6-GM937 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
More results

Similar Description - HV7355

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
HV7350 SUTEX-HV7350 Datasheet
579Kb / 8P
   Eight-Channel, High Speed, 짹60V, 짹1.0A, Ultrasound RTZ Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
   Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
   Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
logo
Microchip Technology
HV7350 MICROCHIP-HV7350 Datasheet
567Kb / 16P
   8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
06/23/16
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
   Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com