Electronic Components Datasheet Search |
|
MCIMX6X5EYM08AC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MCIMX6X5EYM08AC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 165 page i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 2.3 4 Freescale Semiconductor Introduction Figure 1. Part Number Nomenclature—i.MX 6Quad and i.MX 6Dual 1.2 Features The i.MX 6Dual/6Quad processors are based on ARM Cortex-A9 MPCore™ Platform, which has the following features: • ARM Cortex-A9 MPCore 4xCPU Processor (with TrustZone) • The core configuration is symmetric, where each core includes: — 32 KByte L1 Instruction Cache — 32 KByte L1 Data Cache — Private Timer and Watchdog — Cortex-A9 NEON MPE (Media Processing Engine) Co-processor The ARM Cortex-A9 MPCore complex includes: • General Interrupt Controller (GIC) with 128 interrupt support • Global Timer • Snoop Control Unit (SCU) • 1 MB unified I/D L2 cache, shared by two/four cores • Two Master AXI (64-bit) bus interfaces output of L2 cache Part differentiator @ Industrial with VPU, GPU, no MLB 7 Automotive with VPU, GPU 6 Consumer, with VPU, GPU 5 Automotive with GPU, no VPU 4 Automotive, no VPU, no GPU 1 Temperature Tj + Commercial: 0 to + 95CD Extended commercial: -20 to + 105CE Industrial: -40 to +105CC Automotive: -40 to + 125CA Frequency $$ 800 MHz2 (Industrial grade) 08 850 MHz (Automotive grade) 08 1 GHz3 10 1.2 GHz 12 Package type RoHS FCPBGA 21x21 0.8mm (lidded) VT FCPBGA 21x21 0.8mm (non lidded) YM Qualification level MC Prototype Samples PC Mass Production MC Special SC Part # series X i.MX 6Quad Q i.MX 6Dual D Silicon revision1 A Rev 1.2 C Fusing % Real Codec off and no HDCP or DTCP A Real Codec off with HDCP on C MC IMX6 X @ + VV $$ % A 1. See the freescale.com\imx6series Web page for latest information on the available silicon revision. 2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz. 3. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz. |
Similar Part No. - MCIMX6X5EYM08AC |
|
Similar Description - MCIMX6X5EYM08AC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |