Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A40MX04-1PL208A Datasheet(PDF) 8 Page - Microsemi Corporation

Part # A40MX04-1PL208A
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX04-1PL208A Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button A40MX04-1PL208A Datasheet HTML 4Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 5Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 6Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 7Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 8Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 9Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 10Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 11Page - Microsemi Corporation A40MX04-1PL208A Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
40MX and 42MX FPGA Families
1- 4
R ev isio n 1 1
provides capability to quickly design memory functions with the SRAM blocks. Unused SRAM blocks can
be used to implement registers for other user logic within the design.
Routing Structure
The MX architecture uses vertical and horizontal routing tracks to interconnect the various logic and I/O
modules. These routing tracks are metal interconnects that may be continuous or split into segments.
Varying segment lengths allow the interconnect of over 90% of design tracks to occur with only two
antifuse connections. Segments can be joined together at the ends using antifuses to increase their
lengths up to the full length of the track. All interconnects can be accomplished with a maximum of four
antifuses.
Horizontal Routing
Horizontal routing tracks span the whole row length or are divided into multiple segments and are located
in between the rows of modules. Any segment that spans more than one-third of the row length is
considered a long horizontal segment. A typical channel is shown in Figure 1-6. Within horizontal routing,
dedicated routing tracks are used for global clock networks and for power and ground tie-off tracks. Non-
dedicated tracks are used for signal nets.
Vertical Routing
Another set of routing tracks run vertically through the module. There are three types of vertical tracks:
input, output, and long. Long tracks span the column length of the module, and can be divided into
multiple segments. Each segment in an input track is dedicated to the input of a particular module; each
segment in an output track is dedicated to the output of a particular module. Long segments are
Figure 1-4 •
A42MX24 and A42MX36 D-Module Implementation
Figure 1-5 •
A42MX36 Dual-Port SRAM Block
7 Inputs
Hard-Wire to I/O
Feedback to Array
Programmable
Inverter
SRAM Module
32 x 8 or 64 x 4
(256 Bits)
Read
Port
Logic
Write
Port
Logic
RD[7:0]
Routing Tracks
Latches
Read
Logic
[5:0]
RDAD[5:0]
REN
RCLK
Latches
WD[7:0]
Latches
WRAD[5:0]
Write
Logic
MODE
BLKEN
WEN
WCLK
[5:0]
[7:0]


Similar Part No. - A40MX04-1PL208A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A40MX04-1PL100 ACTEL-A40MX04-1PL100 Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-1PL100 MICROSEMI-A40MX04-1PL100 Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1PL100A MICROSEMI-A40MX04-1PL100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A40MX04-1PL100B MICROSEMI-A40MX04-1PL100B Datasheet
2Mb / 173P
   40MX and 42MX FPGA
logo
Actel Corporation
A40MX04-1PL100ES ACTEL-A40MX04-1PL100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
More results

Similar Description - A40MX04-1PL208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com